Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE727Z Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE727Z
Description  18V, 3A, High Efficiency Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727Z Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE727Z Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ACE727Z
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
7
Application Information
External Output Voltage Setting
In external Output Voltage Setting Version selected, the ACE727Z regulator is programmed using an
external resistor divider. The output voltage is calculated using below equation.
Where: VREF =0.8V typically (the internal reference voltage)
Resistors Rd has to be between 1kOhm to 20KOhm and thus Ru is calculated by following equation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com