Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE727Z Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE727Z
Description  18V, 3A, High Efficiency Synchronous Step-Down Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE727Z Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE727Z Datasheet HTML 1Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 2Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 3Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 4Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 5Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 6Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 7Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 8Page - ACE Technology Co., LTD. ACE727Z Datasheet HTML 9Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ACE727Z
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
1
Description
ACE727Z is a wide input range, high-efficiency and high frequency DC-to-DC step-down switching
regulator, capable of delivering up to 3A of output current. With a fixed switching frequency of 500 KHz,
this current mode PWM controlled converter allows the use of small external components, such as
ceramic input and output caps, as well as small inductors. ACE727Z also employs a proprietary control
scheme that switches the device into a power save mode during light load, thereby extending the range of
high efficiency operation. An OVP function protects the IC itself and its downstream system against input
voltage surges. With this OVP function, the IC can stand off input voltage as high as 20V, making it an
ideal solution for industrial applications such as LCD TV, Set Top Box, Portable TV, etc.
Features
Wide Input Range: 4.2V-18V
High Efficiency PFM mode at light load
Capable of Delivering 3A
No External Compensation Needed
Current Mode Control
Thermal Shutdown and UVLO
Excellent Load and Line Transient Response
Available in SOT23-6 Package
Application
LCD TV
Set Top Box
Portable TV
Absolute Maximum Ratings
Parameter
Value
IN,SW,EN Voltage
–0.3V to 19V
BST Voltage
–0.3V to SW+6V
FB Voltage
–0.3V to 6V
Operating Temperature Range
–40°C to 85°C
Storage Temperature Range
–55°C to 150°C
Thermal Resistance
θ
JA
100°C/W
θ
JC
55°C/W
Lead Temperature (Soldering 10ssec)
260°C
Note: Exceeding these limits may damage the device. Exposure to absolute maximum rating conditions
for long periods may affect device reliability.


Similar Part No. - ACE727Z

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7273C ACE-ACE7273C Datasheet
154Kb / 3P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.2
ACE727C ACE-ACE727C Datasheet
354Kb / 10P
600KHz, 16V, 2A Synchronous Step-Down Converter
VER 1.2
More results

Similar Description - ACE727Z

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9384 BELLING-BL9384 Datasheet
289Kb / 6P
3A, 18V High Efficiency Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257D RICHTEK-RT7257D Datasheet
224Kb / 14P
3A, 18V, 1.2MHz Synchronous Step-Down Converter
logo
Exar Corporation
XRP7665 EXAR-XRP7665 Datasheet
759Kb / 12P
3A 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE729E ACE-ACE729E Datasheet
391Kb / 8P
3A, 18V High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL9313 BELLING-BL9313 Datasheet
524Kb / 11P
3A, 18V Synchronous Step-Down Converter
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7213F ACE-ACE7213F Datasheet
450Kb / 10P
18V, 3A, High Efficiency Synchronous Step-Down Converter
VER 1.1
logo
ETA SOLUTIONS CO. LIMIT...
ETA1485 ETA-ETA1485 Datasheet
238Kb / 1P
3A, 18V High Efficiency Synchronous Step-Down Converter
ETA1653 ETA-ETA1653 Datasheet
205Kb / 1P
18V, 3A, High Efficiency Synchronous Step-Down Converter in SOT563
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com