Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE729C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE729C
Description  4A, 16V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE729C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE729C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE729C
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
2
Packaging Type
ESOP-8
Pinout Description
Pin NO.
Name
Description
1
BST
High side power transistor gate drive boost input.
2
VIN
Power input. Bypass with a 10uF~22uF ceramic capacitor to GND.
3
SW
Power switching node to connect inductor.
4
GND
Ground.
5
FB
Feedback input with reference voltage set to 0.923V.
6
NC
No connection
7
EN
Enable input. Set this pin to high level to enable the part, low level to disable.
8
NC
No connection
Ordering information
ACE729CXX+ H
Typical Application
Pb - free
IM: ESOP-8
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com