Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE729C Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE729C
Description  4A, 16V High Efficiency Synchronous Step-Down Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE729C Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE729C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE729C Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ACE729C
4A, 16V High Efficiency Synchronous Step-Down Converter
VER 1.1
3
Electrical Characteristics
Parameter
Conditions
Min
Typ
Max
Unit
Input Voltage Range
4.2
16
V
UVLO Threshold
4.1
V
Supply Current in Operation
V
EN= 2.0V, VFB = 1.1V
0.8
mA
Supply Current in Shutdown
V
EN = 0V or VEN = GND
1
uA
Regulated Feedback Voltage
4.2V≤V
IN ≤16V
0.904
0.923
0.942
V
High-side Switch On Resistance
V
BST-SW = 5V
120
m Ω
Low-side Switch On Resistance
V
IN = 5V
60
m Ω
High-side Switch Leakage Current
V
EN = 0V, VSW = 0V
0
10
uA
Upper Switch Current Limit
Minimum Duty Cycle
6
A
Oscillation Frequency
500
KHz
Maximum Duty Cycle
V
FB= 0.8V
92
%
Minimum On Time
100
ns
Thermal Shutdown
160
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com