Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE738D Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE738D
Description  2A, 24V Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE738D Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE738D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 9Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 10Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ACE738D
2A, 24V Synchronous Step-Down Converter
VER 1.1
7
Short Circuit Protection
If a current higher than 3.5
A is detected through TOP FET when it’s on, we consider SW is shorted to
GND. The chip stops switching for few cycles and switch once to check whether SW is still shorted to
GND. This cycle will be repeated until SW is not shorted to GND.
If FB voltage is detected lower than 100mV for few cycles and chip triggers current limit meanwhile, FB
pin is considered shorted to GND. The chip won’t switching unless restart.
Thermal Protection
When the temperature of the ACE738D rises above 140°C, it is forced into thermal shut-down.
Only when core temperature drops below 130°C can the regulator becomes active again.
Application Information
The output voltage is determined by the resistor divider connected at the FB pin, and the voltage ratio is:
where VFB is the feedback voltage and VOUT is the output voltage.
Choose R3 around 10kΩ, and then R2 can be calculated by:
The following table lists the recommended values.
VOUT(V)
R3(kΩ)
R2(kΩ)
2.5
10
17
3.3
10
26.1
5
11
48.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com