Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ACE738D Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE738D
Description  2A, 24V Synchronous Step-Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE738D Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE738D Datasheet HTML 1Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 2Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 3Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 4Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 5Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 6Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 7Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 8Page - ACE Technology Co., LTD. ACE738D Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ACE738D
2A, 24V Synchronous Step-Down Converter
VER 1.1
1
Description
The ACE738D is a current mode monolithic buck voltage converter. Operating with an input range of
4.5-24V, the ACE738D delivers 2A of continuous output current with two integrated N-Channel MOSFETs.
At light loads, regulators operate in low frequency to maintain high efficiency and low output ripple.
The ACE738D guarantees robustness with over current protection, thermal protection, start-up current
run-away protection, and input under voltage lockout.
The ACE738D is available in a 8-pin SOP8 package, which provides a compact solution with minimal
external components.
Features
4.5V to 24V operating input range 2A output current
Up to 94% efficiency
High efficiency (85>%) at light load
Fixed 500kHz Switching frequency
Input under voltage lockout
Available in SOP8 package
Start-up current run-away protection
Over current protection
Thermal protection
Application
Distributed Power Systems
Networking Systems
FPGA, DSP, ASIC Power Supplies
Green Electronics/ Appliances
Notebook Computers
Absolute Maximum Ratings
(1)
Parameter
Value
VIN, EN, SW Pin
-0.3V to 24V
BST Pin
SW-0.3V to SW+5V
All other Pins
-0.3V to 6V
Junction Temperature
(2)(3)
150℃
Lead Temperature
260℃
Storage Temperature
-65℃ to +150℃
1.
Exceeding these ratings may damage the device.
2.
The ACE738D guarantees robust performance from -40°C to 150°C junction temperature. The junction temperature range
specification is assured by design, characterization and correlation with statistical process controls.
3.
The ACE738D includes thermal protection that is intended to protect the device in overload conditions. Thermal protection
is active when junction temperature exceeds the maximum operating junction temperature. Continuous operation over the
specified absolute maximum operating junction temperature may damage the device.


Similar Part No. - ACE738D

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE73100N ACE-ACE73100N Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE73100NIM+H ACE-ACE73100NIM+H Datasheet
288Kb / 4P
High Efficiency, 100V Input, 3A Asynchronous Step-Down Regulator
VER 1.1
ACE7310M ACE-ACE7310M Datasheet
614Kb / 6P
N-Channel 30-V (D-S) MOSFET
VER 1.1
ACE7316LA ACE-ACE7316LA Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
ACE7316LAGMH ACE-ACE7316LAGMH Datasheet
560Kb / 6P
500KHz, 16V, 3A Synchronous Step-Down Converter
VER 1.1
More results

Similar Description - ACE738D

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
2A, 24V, 340KHz Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9382C BELLING-BL9382C Datasheet
595Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Leshan Radio Company
LR9382C LRC-LR9382C Datasheet
482Kb / 11P
2A, 24V Synchronous Step-Down Converter
logo
Monolithic Power System...
MPQ2314 MPS-MPQ2314 Datasheet
842Kb / 21P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
MP2314 MPS-MP2314 Datasheet
738Kb / 18P
High Efficiency 2A, 24V, 500kHz Synchronous Step Down Converter
9/17/2014 Rev. 1.02
MP2314S MPS-MP2314S Datasheet
924Kb / 16P
2A, 24V, 500kHz, High-Efficiency, Synchronous, Step-Down Converter
MP2318 MPS-MP2318 Datasheet
1Mb / 18P
High Efficiency 2A, 24V, 2MHz Synchronous Step-Down Converter
MP2324 MPS-MP2324 Datasheet
1Mb / 17P
High Efficiency 2A, 24V, 500kHz Synchronous Step-Down Converter
logo
ACE Technology Co., LTD...
ACE7255E ACE-ACE7255E Datasheet
518Kb / 9P
24V, 2A, Forced PWM Synchronous Step-Down Converter
VER 1.1
ACE72224Y ACE-ACE72224Y Datasheet
197Kb / 3P
High-Efficiency 2A, 24V Input Synchronous Step-Down Converter
VER 1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com