Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDCG10M Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TDCG10M
Description  Clock Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCG10M Datasheet(HTML) 1 Page - Vishay Siliconix

  TDCG10M Datasheet HTML 1Page - Vishay Siliconix TDCG10M Datasheet HTML 2Page - Vishay Siliconix TDCG10M Datasheet HTML 3Page - Vishay Siliconix TDCG10M Datasheet HTML 4Page - Vishay Siliconix TDCG10M Datasheet HTML 5Page - Vishay Siliconix TDCG10M Datasheet HTML 6Page - Vishay Siliconix TDCG10M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TDCG10..m, TDCR10..m, TDCY10..m
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 17-Apr-13
1
Document Number: 83180
For technical questions, contact: LED@Vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Clock Display
DESCRIPTION
Four digit display, with 10 mm digit charactersize. Designed
as clock display with active colon between digit two and
three.
FEATURES
• High efficient AlInGAP technology
• Dark surface, white segments
• Common anode (TDC.1050m)
• Common cathode (TDC.1060m)
• Multiplex mode
• Recommended viewing distance up to 7 m
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Clock modules for video/audioequipment, instrumentation,
set top boxes
PRODUCT GROUP AND PACKAGE DATA
• Product group: Display
• Package: 10 mm clock
• Product series: Standard
• Angle of half intensity: ± 50°
16770
PARTS TABLE
PART
COLOR
LUMINOUS INTENSITY
(μcd)
at
IF
(mA)
WAVELENGTH
(nm)
at
IF
(mA)
FORWARD VOLTAGE
(V)
at
IF
(mA)
CIRCUITRY
MIN.
TYP.
MAX.
MIN.
TYP. MAX.
MIN.
TYP.
MAX.
TDCG1050m
Green
2800
4000
-
10
562
573
575
20
-
2
2.4
20
Common anode
TDCG1060m
Green
2800
4000
-
10
562
573
575
20
-
2
2.4
20
Common cathode
TDCR1050m
Red
4000
6000
-
10
-
631
-
20
-
2
2.4
20
Common anode
TDCR1060m
Red
4000
6000
-
10
-
631
-
20
-
2
2.4
20
Common cathode
TDCY1050m
Super yellow
4000
8000
-
10
-
589
-
20
-
2
2.4
20
Common anode
TDCY1060m
Super yellow
4000
8000
-
10
-
589
-
20
-
2
2.4
20
Common cathode
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
TDCG1050m, TDCG1060m, TDCR1050m, TDCR1060m, TDCY1050m, TDCY1060m
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Reverse voltage per segment
VR
5V
DC forward current per segment
IF
25
mA
Peak forward current per segment
Duty 1/10 at 1 kHz
IFM
160
mA
Power dissipation
PV
60
mW
Operating temperature range
Tamb
- 40 to + 85
°C
Storage temperature range
Tstg
- 40 to + 100
°C
Soldering temperature
Tsd
260 ± 5
°C


Similar Part No. - TDCG10M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDCG1050M VISHAY-TDCG1050M Datasheet
253Kb / 7P
Clock Display
31-Aug-04
TDCG1050M VISHAY-TDCG1050M Datasheet
272Kb / 7P
Clock Display
07-Dec-09
TDCG1050M VISHAY-TDCG1050M Datasheet
272Kb / 7P
Clock Display
07-Dec-09
TDCG1050M VISHAY-TDCG1050M Datasheet
246Kb / 7P
Clock Display
23-Feb-18
TDCG1050M VISHAY-TDCG1050M Datasheet
245Kb / 7P
Clock Display
23-Feb-18
More results

Similar Description - TDCG10M

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTN2428-14C MARKTECH-MTN2428-14C Datasheet
44Kb / 1P
Marktech 0.28 Clock (Std.) Display
logo
Micro Electronics
MO461C MICRO-ELECTRONICS-MO461C Datasheet
74Kb / 2P
0.6 FOUR DIGIT LED CLOCK DISPLAY
logo
Silan Microelectronics ...
SC3610 SILAN-SC3610 Datasheet
258Kb / 16P
FREQUENCY AND CLOCK DISPLAY DRIVER
logo
List of Unclassifed Man...
TKD8001 ETC1-TKD8001 Datasheet
890Kb / 13P
Clock Synthesizer and Display DAC
logo
Vishay Siliconix
TDCG VISHAY-TDCG Datasheet
253Kb / 7P
Clock Display
31-Aug-04
logo
Extech Instruments Corp...
365515 EXTECH-365515 Datasheet
194Kb / 1P
Stopwatch/Clock with Backlit Display
logo
Vishay Siliconix
TDCG1050M VISHAY-TDCG1050M_09 Datasheet
272Kb / 7P
Clock Display
07-Dec-09
logo
Extech Instruments Corp...
365515 EXTECH-365515_15 Datasheet
194Kb / 1P
Stopwatch/Clock with Backlit Display
logo
Vishay Siliconix
TDCG1050M VISHAY-TDCG1050M_V01 Datasheet
246Kb / 7P
Clock Display
23-Feb-18
TDCG1050M VISHAY-TDCG1050M_V02 Datasheet
245Kb / 7P
Clock Display
23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com