Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDCG10M Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TDCG10M
Description  Clock Display
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TDCG10M Datasheet(HTML) 2 Page - Vishay Siliconix

  TDCG10M Datasheet HTML 1Page - Vishay Siliconix TDCG10M Datasheet HTML 2Page - Vishay Siliconix TDCG10M Datasheet HTML 3Page - Vishay Siliconix TDCG10M Datasheet HTML 4Page - Vishay Siliconix TDCG10M Datasheet HTML 5Page - Vishay Siliconix TDCG10M Datasheet HTML 6Page - Vishay Siliconix TDCG10M Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TDCG10..m, TDCR10..m, TDCY10..m
www.vishay.com
Vishay Semiconductors
Rev. 1.6, 17-Apr-13
2
Document Number: 83180
For technical questions, contact: LED@Vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is  0.5, excluding decimal points
and colon.
Note
(1) IVmin. and IV groups are mean values of all segments (a to g, D1 to D4), matching factor within segments is  0.5, excluding decimal points
and colon.
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDCG1050m, TDCG1060m, GREEN
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment (1)
IF = 2 mA
TDCG1050m
IV
-
1000
-
μcd
TDCG1060m
IF = 10 mA
TDCG1050m
IV
2800
4000
-
μcd
TDCG1060m
Luminous intensity of colon
IF = 2 mA
TDCG1050m
IV
-
200
-
μcd
TDCG1060m
IF = 10 mA
TDCG1050m
IV
500
1200
-
μcd
TDCG1060m
Dominant wavelength
IF = 20 mA
TDCG1050m,
TDCG1060m
d
562
573
575
nm
Peak wavelength
IF = 20 mA
p
-
575
-
nm
Spectral bandwidth
IF = 20 mA
-20
-
nm
Forward voltage per segment or DP
IF = 20 mA
VF
-2
2.4
V
Reverse current per segment or DP
VR = 5 V
IR
--
10
μA
OPTICAL AND ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
TDCR1050m, TDCR1060m, RED
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Luminous intensity per segment (1)
IF = 2 mA
TDCR1050m
IV
-
1500
-
μcd
TDCR1060m
IF = 10 mA
TDCR1050m
IV
4000
6000
-
μcd
TDCR1060m
Luminous intensity of colon
IF = 2 mA
TDCR1050m
IV
-
400
-
μcd
TDCR1060m
IF = 10 mA
TDCR1050m
IV
500
800
-
μcd
TDCR1060m
Dominant wavelength
IF = 20 mA
TDCR1050m,
TDCR1060m
d
-
631
-
nm
Peak wavelength
IF = 20 mA
p
-
639
-
nm
Spectral bandwidth
IF = 20 mA
-20
-
nm
Forward voltage per segment or DP
IF = 20 mA
VF
-2
2.4
V
Reverse current per segment or DP
VR = 5 V
IR
--
10
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com