Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PQF-SSG Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # PQF-SSG
Description  PrimaxPlus
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PQF-SSG Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  PQF-SSG Datasheet HTML 1Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 2Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 3Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 4Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 5Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 6Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 7Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 8Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
10/07/2017 V6.0
5
InGaN Warm White: PQF-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Bin
5T
6T
7T
8T
9T
4O
5O
6O
7O
8O
9O
4P
5P
6P
7P
8P
9P
4Q
5Q
6Q
7Q
8Q
9Q
4L
5L
0.4300
0.3870
0.4340
0.3960
0.4390
0.4050
0.4430
0.4140
0.4470
0.4230
0.3860
0.3610
0.3890
0.3690
0.3910
0.3770
0.3940
0.3850
0.3970
0.3930
0.4000
0.4010
0.3940
0.3650
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4030
0.3690
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.3650
0.3480
0.3670
0.3580
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4340
0.3960
0.4390
0.4050
0.4430
0.4140
0.4470
0.4230
0.4520
0.4320
0.3890
0.3690
0.3910
0.3770
0.3940
0.3850
0.3970
0.3930
0.4000
0.4010
0.4030
0.4100
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4130
0.4150
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4230
0.4200
0.3670
0.3580
0.3690
0.3680
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.4610
0.4350
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4130
0.4150
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4230
0.4200
0.4150
0.3810
0.4190
0.3900
0.4220
0.3990
0.4260
0.4080
0.4300
0.4170
0.4340
0.4250
0.3750
0.3620
0.3770
0.3730
0.4370
0.3890
0.4420
0.3980
0.4470
0.4080
0.4510
0.4170
0.4560
0.4260
0.3940
0.3650
0.3980
0.3730
0.4010
0.3810
0.4040
0.3900
0.4070
0.3980
0.4100
0.4060
0.4030
0.3690
0.4060
0.3770
0.4100
0.3860
0.4130
0.3940
0.4160
0.4030
0.4200
0.4120
0.4110
0.3730
0.4150
0.3810
0.4190
0.3900
0.4220
0.3990
0.4260
0.4080
0.4300
0.4170
0.3720
0.3520
0.3750
0.3620
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com