Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PQF-SSG Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # PQF-SSG
Description  PrimaxPlus
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

PQF-SSG Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button PQF-SSG Datasheet HTML 5Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 6Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 7Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 8Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 9Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 10Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 11Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 12Page - DOMINANT Semiconductors PQF-SSG Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
10/07/2017 V6.0
9
InGaN Warm White: PQF-SSG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Junction Temperature T
j(°C)
Junction Temperature T
j(°C)
Relative Luminous Flux Vs Junction Temperature
ФV/ФV(25°C) = f(T
j); IF = 100mA
Junction Temperature T
j(°C)
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(T
j); IF = 100mA
Radiation Pattern
08/12/2016 V7.0
9
InGaN Warm White: DDF-LJG
DOMINANT
Opto Technologies
Innovating Illumination
TM
Radiation Pattern
Junction Temperature T
j(°C)
Junction Temperature T
j(°C)
Relative Luminous Intensity Vs Junction Temperature
I
V/IV(25°C) = f(Tj); IF = 20mA
Junction Temperature T
j(°C)
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(T
j); IF = 20mA
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-30
-10
10
30
50
70
90
110 130
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 20mA
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50
-30
-10
10
30
50
70
90
110 130
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-30
-10
10
30
50
70
90
110 130
Relative Forward Voltage Vs Junction Temperature
∆VF = VF -VF(25°C) = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
Relative Luminous Intensity Vs Junction Temperature
IV/IV (25°C) = f(Tj); IV = 20mA
Relative Forward Voltage Vs Junction Temperature
∆V
F = VF - VF(25°C) = f(Tj); IF =20mA
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-50
-30
-10
10
30
50
70
90
110 130
∆Cx
∆Cy
-0.030
-0.025
-0.020
-0.015
-0.010
-0.005
0.000
0.005
0.010
0.015
0.020
0.025
0.030
-50
-30
-10
10
30
50
70
90
110 130
Relative Wavelength Vs Junction Temperature
∆λdom = λdom - λdom (25°C) = f(Tj); IF = 20mA
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(Tj); IF = 20mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction
Temperature
Junction Temperature Tj(°C)
Relative Luminious Flux Vs Junction Temperature
ФV/ФV(25°C) = f(Tj); IF = 100mA
Junction Temperature Tj(°C)
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
-50 -30 -10 10
30
50
70
90 110 130 150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Forward Voltage Vs Junction
Temperature
Junction Temperature Tj(°C)
Relative Luminious Flux Vs Junction Temperature
ФV/ФV(25°C) = f(Tj); IF = 100mA
Junction Temperature Tj(°C)
Relative Forward Voltage Vs Junction Temperature
∆V
F = VF - VF(25°C) = f(Tj); IF =100mA
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
10.0
-50 -30 -10 10
30
50
70
90 110 130 150
∆Cx
∆Cy
-0.05
-0.04
-0.03
-0.02
-0.01
0.00
0.01
0.02
0.03
0.04
0.05
-50 -30 -10 10
30
50
70
90 110 130 150
Relative Wavelength Vs Junction Temperature
∆λdom = λdom - λdom (25°C) = f(Tj); IF = 100mA
Chromaticity Coordinate Shift Vs Junction Temperature
∆Cx, ∆Cy = f(Tj); IF = 100mA
Junction Temperature Tj(°C)
Junction Temperature Tj(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com