Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP3P2R2CDT Datasheet(PDF) 4 Page - Advanced Power Electronics Corp.

Part # AP3P2R2CDT
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3P2R2CDT Datasheet(HTML) 4 Page - Advanced Power Electronics Corp.

  AP3P2R2CDT Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AP3P2R2CDT
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
2.01E+09
Fig 11. Transfer Characteristics
Fig 12. Drain Current v.s. Case Temperature
4
0
2
4
6
8
0
40
80
120
160
200
240
Q G , Total Gate Charge (nC)
I D = -20 A
V DS = -15V
0
4000
8000
12000
16000
20000
24000
1
5
9
13
17
21
25
29
33
37
-V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthjc + Tc
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.1
1
10
100
1000
0.01
0.1
1
10
100
-V DS , Drain-to-Source Voltage (V)
T C =25
o C
Single Pulse
10us
100us
1ms
10ms
DC
Operation in this area
limited by RDS(ON)
0
40
80
120
160
200
240
25
50
75
100
125
150
T C , Case Temperature (
o C )
Limited by package
0
40
80
120
160
200
01
23
45
6
-V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =-5V
T j = -55
o C
.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com