Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP3P2R2CDT Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP3P2R2CDT
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP3P2R2CDT Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP3P2R2CDT Datasheet HTML 1Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 2Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 3Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 4Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 5Page - Advanced Power Electronics Corp. AP3P2R2CDT Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
-30V
▼ 100% R
g & UIS Test
RDS(ON)
2.2mΩ
▼ Ultra Low On-resistance
ID
4
-205A
▼ RoHS Compliant & Halogen-Free
Description
Absolute Maximum Ratings@Tj=25
oC(unless otherwise specified)
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TA=25℃
A
ID@TA=70℃
A
IDM
A
PD@TC=25℃
W
PD@TA=25℃
W
EAS
Single Pulse Avalanche Energy
5
mJ
TSTG
℃
TJ
℃
Symbol
Value
Unit
Rthj-c
Maximum Thermal Resistance, Junction-case
0.9
℃/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
3
25
℃/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
5
-55 to 150
Total Power Dissipation
138.8
245
-30
+20
-39.2
Parameter
Drain-Source Voltage
Gate-Source Voltage
Drain Current
3, V
GS @ 10V
Drain Current (Chip), VGS @ 10V
4
-205
AP3P2R2CDT
Rating
Halogen-Free Product
201508241
1
-55 to 150
Drain Current
3, V
GS @ 10V
-31.4
Pulsed Drain Current
1
-200
AP3P2R2 series are from Advanced Power innovated design
and silicon process technology to achieve the lowest possible
on-resistance and fast switching performance. It provides the
designer with an extreme efficient device for use in a wide
range of power applications.
The PDFN 5x6 package used advanced package and silicon
combination for ultra low on-resistance and high efficiency,
special for DC-DC converters application and the foot print is
compatible with SO-8 with backside heat sink and lower
profile.
G
D
S
Bottom View
Top View
S
S
S
G
DD
D
D
PDFN 5x6
.


Similar Part No. - AP3P2R2CDT

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3P010AMT A-POWER-AP3P010AMT Datasheet
72Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010H A-POWER-AP3P010H Datasheet
74Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010I A-POWER-AP3P010I Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010M A-POWER-AP3P010M Datasheet
73Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3P010YT A-POWER-AP3P010YT Datasheet
67Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP3P2R2CDT

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com