Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RI82 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RI82
Description  High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI82 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RI82 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 1/5
Product Introduction
Features :
 Rated Wattage from 0.1W to 30W
 Max Working Voltage from 2KV to 30KV.
 Designs built from customer supplied schematics
 Tough epoxy-based coating and high voltage
stability
 Temperature Coefficient: 200 ppm/℃ to 300
ppm/℃.
 Resistance Range from 10 Megohm to 100K
Megohms (100 Gegaohms).
 Resistance Tolerance F(±1%), G(±2%), J(±5%),
K(±10%), and M(±20%).
 Stable cermet resistive element bonded to a
high-purity alumina substrate.
Applications :
 X-ray/imaging equipment, Impulse voltage
generators,
 Capacitor crowbar circuits, High voltage
snubber circuits, Arc furnace damping,
 Pulse modulators, Radar Pulse-forming
networks, Energy research, and EMI/lightning
supression.
 Applications include power supplies,
transformers and any application requiring
operation within an environment where high
voltages are used.
The High Voltage RI82 Precision Series provides an excellent
solution for design engineers looking for a compact product with
high-voltage capabilities to enable them to design within the
voltage trend for power impulse products.
The RI82 resistors use Token's proprietary thick film Metal
Glaze resistive element and Serpentine Pattern Design which
provides ideal cost efficient, stability, precision, non-Inductive,
and high voltage characteristics for a wide range of
measurement, voltage divider circuits, and control functions in
high voltage power electronics applications.
By utilizing specific 96 % pure alumina materials with optimum processing, Token are able to control,
very tightly in manufacturing, the important ultra-stable performance tolerance F(±1%), G(±2%),
J(±5%), K(±10%), and M(±20%). Voltage handles up to 30 KV. This unique process is offered in
specific resistance values in a wide variety of sizes and terminations. The extraordinary operating
stability of the Type RI82 resistors will improve the performance of your high voltage system in
precision.
The Precision RI82 High Voltage Series is RoHS compliant and lead free. For customed designs,
tighter tolerances, non-standard technical requirements, or custom special applications, please contact
us, or link to Token official website "High Voltage Resistors" to get more information.
An Excellent Solution for The High Voltage Trend in Power
Impulse Products.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com