Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RI82 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # RI82
Description  High Voltage Resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI82 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  RI82 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RI82 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
http://www.token.com.tw
rfq@token.com.tw
Taiwan Factory: +886 2 29810109
China Factory: +86 755 26055363
Page: 4/5
Advance Technique
Advance Technique of Non-Inductive & Serpentine Pattern (RI82)
Non-Inductive Performance:
 Token's RI82 Non-Inductive Design which uses a serpentine resistive
pattern that offers for zigzagging lines to carry current in opposite
directions, thereby neutralizing maximum of flux fields over the
entire length of the resistor.
 This efficient non-inductive construction retains performance
advantages and heavy load characteristics which is ideal for high
frequency applications.
Serpentine Pattern Screen Printing Design:
 Type RI82 High Voltage Impulse Resistors combine Token's Non-Inductive serpentine pattern, high
thru-put screen printed silicone coating.
 The alignment of the gap in the serpentine resistor pattern with the gap in the coating pattern provides a
complete encapsulation of the resistor element.
 The lead assemblies are pressed onto the resistor core, finishing the resistor and providing rugged terminal
attachment.
Order Codes
Order Codes (RI82)
RI82
0.125W
c
47M
K
Part Number
RI82
Rated Power (W)
0.125W
0.25W
0.5W
1W
Style
a Style
b Style
c Style
Resistance Value (Ω)
4M7
4.7MΩ
47M
47MΩ
47M5
47.5MΩ
470M
470MΩ
Resistance Tolerance (%)
F
±1%
G
±2%
J
±5%
K
±10%
M
±20%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com