Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC124ESA Datasheet(PDF) 2 Page - Micro Commercial Components

Part # DTC124ESA
Description  Digital Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC124ESA Datasheet(HTML) 2 Page - Micro Commercial Components

  DTC124ESA Datasheet HTML 1Page - Micro Commercial Components DTC124ESA Datasheet HTML 2Page - Micro Commercial Components DTC124ESA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.mccsemi.com
2 of 3
MCC
TM
Micro Commercial Components
Revision: C
2013/01/01
0.4
0.8
1.2
1.6
2.0
0.01
0.1
1
10
0.1
1
10
100
0.1
1
10
100
110
100
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
300
350
400
048
12
16
20
0
2
4
6
8
10
0.1
1
10
100
1
10
100
1000
T
a=100
T
a=25
OFF Characteristics
3
0.3
0.03
V
CC=5V
INPUT VOLTAGE V
I(OFF)
(V)
30
3
0.3
T
a=100
ON Characteristics
T
a=25
V
O=0.2V
3
0.3
30
OUTPUT CURRENT I
O
(mA)
T
a=25
T
a=100
300
30
30
3
V
O(ON)
——
I
O
I
O/II=20
OUTPUT CURRENT I
O
(mA)
DTC124EM
DTC124ESA
DTC124EUA/CA/KA
DTC124EE
P
D
——
T
a
AMBIENT TEMPERATURE T
a
( )
f=1MHz
T
a=25
C
O
——
V
R
REVERSE BIAS VOLTAGE V
R
(V)
T
a=100
T
a=25
30
V
O=5V
300
3
3
0.3
30
G
I
——
I
O
OUTPUT CURRENT I
O
(mA)
5
DTC124ESA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com