Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DTC124ESA Datasheet(PDF) 1 Page - Micro Commercial Components

Part # DTC124ESA
Description  Digital Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

DTC124ESA Datasheet(HTML) 1 Page - Micro Commercial Components

  DTC124ESA Datasheet HTML 1Page - Micro Commercial Components DTC124ESA Datasheet HTML 2Page - Micro Commercial Components DTC124ESA Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DTC124ESA
Digital Transistors
Built-in bias resistors enable the configuration of an inverter circuit
without connecting external input resistors
The bias resistors consist of thin-film resistors with complete
isolation to allow negative biasing of the input. They also have the
advantage of almost completely eliminating parasitic effects.
Only the on/off conditions need to be set for operation, making
device design easy
Absolute maximum ratings @ 25℃
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply voltage
---
50
---
V
VIN
Input voltage
-10
---
40
V
IO
Output current
---
30
100
mA
Pd
Power dissipation
---
300
---
mW
Tj
Junction temperature
---
150
---
Tstg
Storage temperature
-55
---
150
Electrical Characteristics @ 25℃
Symbol
Parameter
Min
Typ
Max
Unit
VI(off)
0.5
---
---
V
VI(on)
Input voltage (VCC=5V, IO=100
μA)
(VO=0.2V, IO=10mA)
---
---
3.0
V
VO(on)
Output voltage (IO/II=10mA/0.5mA)
---
0.1
0.3
V
II
Input current (VI=5V)
---
---
0.36
mA
IO(off)
Output current (VCC=50V, VI=0)
---
---
0.5
μA
GI
DC current gain (VO=5V, IO=5mA)
56
---
---
R1
Input resistance
15.4
22
R2/R1
Resistance ratio
0.8
1.0
1.2
fT
Transition frequency
(VCE=10V, IE=5mA, f=100MHz)
---
250
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: C
2013/01/01
28.6
K
Ω
TM
Micro Commercial Components
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
www.mccsemi.com
1 of 3
TO-92S
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.056
.064
1.42
1.62
B
B
.154
.161
3.90
4.10
C
.120
.128
3.05
3.25
C
D
E
DIMENSIONS
1
2
3
1
2
3
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
.050
1.27
D
.086
.110
2.20
2.80
E
.096
.104
2.44
2.64
.173
.220
4.40
5.60
L
.594
.610
15.10
15.50
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
Straight Lead
Bent Lead
Straight Lead
Bent Lead
1. GND
2. OUT
3. IN
Features
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - DTC124ESA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC124ESA ROHM-DTC124ESA Datasheet
70Kb / 3P
Digital transistors (built-in resistors)
DTC124ESA ROHM-DTC124ESA Datasheet
89Kb / 4P
Digital transistors (built-in resistors)
logo
Shenzhen Jin Yu Semicon...
DTC124ESA HTSEMI-DTC124ESA Datasheet
412Kb / 2P
DIGITAL TRANSISTOR (NPN)
logo
Rohm
DTC124ESA ROHM-DTC124ESA Datasheet
78Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC124ESA RECTRON-DTC124ESA Datasheet
1Mb / 16P
DIGITAL TRANSISTOR (NPN)
More results

Similar Description - DTC124ESA

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
DTA114EE KEXIN-DTA114EE Datasheet
178Kb / 3P
Digital Transistors
DTA114TCA KEXIN-DTA114TCA Datasheet
126Kb / 2P
Digital Transistors
logo
Micro Commercial Compon...
DTA123JCA MCC-DTA123JCA_09 Datasheet
132Kb / 3P
Digital Transistors
UMH1N MCC-UMH1N Datasheet
191Kb / 3P
Digital Transistors
DTC113ZCA MCC-DTC113ZCA_11 Datasheet
391Kb / 3P
Digital Transistors
DTC143ZCA MCC-DTC143ZCA_11 Datasheet
210Kb / 2P
Digital Transistors
logo
Unisonic Technologies
DTA123E UTC-DTA123E_11 Datasheet
198Kb / 3P
DIGITAL TRANSISTORS
DTA123J UTC-DTA123J_11 Datasheet
125Kb / 2P
DIGITAL TRANSISTORS
DTA144E UTC-DTA144E_11 Datasheet
174Kb / 3P
DIGITAL TRANSISTORS
logo
Zhaoxingwei Electronics...
LTA014EMT2L ZHAOXINGWEI-LTA014EMT2L Datasheet
230Kb / 3P
Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com