Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY2DP814 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY2DP814
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY2DP814 Datasheet HTML 1Page - Cypress Semiconductor CY2DP814 Datasheet HTML 2Page - Cypress Semiconductor CY2DP814 Datasheet HTML 3Page - Cypress Semiconductor CY2DP814 Datasheet HTML 4Page - Cypress Semiconductor CY2DP814 Datasheet HTML 5Page - Cypress Semiconductor CY2DP814 Datasheet HTML 6Page - Cypress Semiconductor CY2DP814 Datasheet HTML 7Page - Cypress Semiconductor CY2DP814 Datasheet HTML 8Page - Cypress Semiconductor CY2DP814 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ComLink™ Series
CY2DP814
Document #: 38-07060 Rev. *B
Page 7 of 9
Package Drawing and Dimensions
Note:
10. LVPECL or LVDS differential input value.
1
InConfig
LVC M OS / LVTTL
LVTTL/LVCMOS
INPUT A
INPUT B
GND
Figure 6. [7]
In C o n fig
LV PE C L &
LV D S
L V DS/L V PECL
0
Figure 7. [10]
Ordering Information
Part Number
Package Type
Product Flow
CY2DP814ZI
16-pin TSSOP
Industrial, –40
°C to 85°C
CY2DP814ZIT
16-pin TSSOP–Tape and Reel
Industrial, –40
°C to 85°C
CY2DP814SI
16-pin SOIC
Industrial, –40
°C to 85°C
CY2DP814SIT
16-pin SOIC–Tape and Reel
Industrial, –40
°C to 85°C
CY2DP814ZC
16-pin TSSOP
Commercial, 0
°C to 70 °C
CY2DP814ZCT
16-pin TSSOP–Tape and Reel
Commercial, 0
°C to 70 °C
CY2DP814SC
16-pin SOIC
Commercial, 0
°C to 70 °C
CY2DP814SCT
16-pin SOIC–Tape and Reel
Commercial, 0
°C to 70 °C
16-lead (150-mil) Molded SOIC S16
51-85068-A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com