Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CY2DP814 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DP814
Description  1:4 Clock Fanout Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP814 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DP814 Datasheet HTML 1Page - Cypress Semiconductor CY2DP814 Datasheet HTML 2Page - Cypress Semiconductor CY2DP814 Datasheet HTML 3Page - Cypress Semiconductor CY2DP814 Datasheet HTML 4Page - Cypress Semiconductor CY2DP814 Datasheet HTML 5Page - Cypress Semiconductor CY2DP814 Datasheet HTML 6Page - Cypress Semiconductor CY2DP814 Datasheet HTML 7Page - Cypress Semiconductor CY2DP814 Datasheet HTML 8Page - Cypress Semiconductor CY2DP814 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1:4 Clock Fanout Buffer
ComLink™ Series
CY2DP814
Cypress Semiconductor Corporation
3901 North First Street
San Jose
CA 95134
408-943-2600
Document #: 38-07060 Rev. *B
Revised December 15, 2002
Features
• Low voltage operation
• VDD = 3.3V
• 1:4 fanout
• Single-input configurable for LVDS, LVPECL, or LVTTL
• Four differential pairs of LVPECL outputs
• Drives 50-ohm load
• Low input capacitance
• Low output skew
• Low propagation delay
— Typical (tpd < 4 ns)
• Industrial versions available
• Available packages include TSSOP, SOIC
Description
The Cypress CY2 series of network circuits are produced
using advanced 0.35-micron CMOS technology, achieving the
industry’s fastest logic.
The Cypress CY2DP814 fanout buffer features a single LVDS-
or a single LVPECL-compatible input and four LVPECL output
pairs.
Designed for data communications clock management appli-
cations, the fanout from a single input reduces loading on the
input clock.
The CY2DP814 is ideal for both level translations from
single-ended to LVPECL and/or for the distribution of
LVDS-based clock signals. The Cypress CY2DP814 has
configurable input between logic families. The input can be
selectable for an LVPECL/LVTTL or LVDS signal, while the
output drivers support LVPECL capable of driving 50-ohm
lines.
Block Diagram
Pin Configuration
OUTPUT
IN+ 6
IN- 7
16 Q1A
15 Q1B
14 Q2A
13 Q2B
10 Q4A
9 Q4B
12 Q3A
11 Q3B
LVDS /
LVPECL /
LVTTL
CONFIG 2
EN1 1
EN2 8
LVPECL
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16 pin TSSOP / SOIC
EN1
CONFIG
VDD
VDD
IN+
IN-
EN2
GND
Q1A
Q1B
Q2A
Q2B
Q3A
Q3B
Q4A
Q4B


Similar Part No. - CY2DP814

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DP814 CYPRESS-CY2DP814 Datasheet
158Kb / 8P
ComLink??Series
CY2DP814 CYPRESS-CY2DP814 Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
CY2DP814ZC CYPRESS-CY2DP814ZC Datasheet
158Kb / 8P
ComLink??Series
CY2DP814ZCT CYPRESS-CY2DP814ZCT Datasheet
158Kb / 8P
ComLink??Series
CY2DP814ZCT CYPRESS-CY2DP814ZCT Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
More results

Similar Description - CY2DP814

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2DL814 CYPRESS-CY2DL814 Datasheet
111Kb / 8P
1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB4L339 ONSEMI-NB4L339 Datasheet
117Kb / 7P
3.3V 1:4 Clock Fanout Buffer
September, 2006 ??Rev. 0
NB3N2304NZ ONSEMI-NB3N2304NZ_07 Datasheet
143Kb / 7P
3.3V 1:4 Clock Fanout Buffer
January, 2007 ??Rev. 1
logo
Cypress Semiconductor
CY2DP314 CYPRESS-CY2DP314_05 Datasheet
229Kb / 10P
1:4 Differential Clock/Data Fanout Buffer
CY2DP814 CYPRESS-CY2DP814_08 Datasheet
429Kb / 9P
1:4 Clock Fanout Buffer
logo
Asahi Kasei Microsystem...
AK8181A AKM-AK8181A Datasheet
253Kb / 8P
3.3V LVPECL 1:4 Clock Fanout Buffer
AK8181G AKM-AK8181G Datasheet
585Kb / 10P
3.3V LVDS 1:4 Clock Fanout Buffer
logo
ON Semiconductor
NB3N2304NZ ONSEMI-NB3N2304NZ_09 Datasheet
144Kb / 7P
3.3V 1:4 Clock Fanout Buffer
October, 2009 ??Rev. 6
NB3L553 ONSEMI-NB3L553_17 Datasheet
95Kb / 8P
1:4 Clock Fanout Buffer
January, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com