Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALM85 Datasheet(PDF) 4 Page - XP Power Limited

Part # ALM85
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ALM85 Datasheet(HTML) 4 Page - XP Power Limited

  ALM85 Datasheet HTML 1Page - XP Power Limited ALM85 Datasheet HTML 2Page - XP Power Limited ALM85 Datasheet HTML 3Page - XP Power Limited ALM85 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Safety Approvals
EMC: Immunity
Phenomenon
Standard
Test Level
Criteria
Notes & Conditions
ESD
EN61000-4-2
3A
±15 kV air/±8 kV contact
Radiated
EN61000-4-3
10 V/m
A
80-2700 MHz. IEC60601-1-2 Ed.4 at other frequencies
EFT/Burst
EN61000-4-4
3A
Surge
EN61000-4-5
Installation Class 3
A
Conducted
EN61000-4-6
10 V
A
Magnetic Fields
EN61000-4-8
4A
Dips and Interruptions
EN61000-4-11
Dip: 30% 500 ms
A/B
High Line/Low Line
Dip: 60% 200 ms
A/B
High Line/Low Line
Dip: 80% 5000 ms
B
Int: 100% 10 ms
A
Int: 100% 20 ms
B
Int: 100% 5000 ms
B
EN60601-1-2
Dip: 30% 25 AC Cycles
A
230 VAC 100% load, 100 VAC 80%
Dip: 60% 5 AC Cycles
A
230 VAC 100% load, 100 VAC 30%
Int: 100% 0.5 AC Cycles
A
Int: 100% 1.0 AC Cycles
A
230 VAC 100% load, 100 VAC 50%
Int: 100% 250 AC Cycles
B
Safety Agency
Safety Standard
Notes & Conditions
UL
UL60950-1 2nd Edition
Information Technology
TUV
EN60950-1
CB
IEC60950-1
CE
LVD
UL
ANSI/AAMI ES 60601-1
Medical
CSA
CSA C22.2 No. 60601
TUV
EN60601-1
CB
IEC60601-1
ALM85 Series
www.xppower.com
AC-DC Power Supplies
Mechanical Details
29 Aug 17
5.31 (135.0)
0.37 ±0.012
(9.5 ±0.3)
1.5 (38.4)
ø0.685 (17.4)
1.58 (40.2)
R
0.17 (4.4)
0.039 (1.0)
4.76 (121.0)
3.04 (77.2)
1.89 (48.0)
1.58 (40.2)
1.95 ±0.039
(50.0 ±10.0)
2.44
(62.0)
35.43 ±0.79 (900.0 ±20.0)
AC Input
IEC 320-C14
-A Versions
1.46
(37.0)
AC Input
IEC 320-C8
C2-8 Versions
1.46
(37.0)
AC Input
IEC 320-C14
Standard Version
1.46
(37.0)
KPPX-4P
(Non-Locking)
0
Return (-)
Output (+)
K
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Weight: 0.78 lbs (355 g) approx.
3. For European mains lead order part EU-MAINS-IEC for C14 versions,
or EU-MAINS-8 for C8 versions.
4. For UK mains lead order part UK-MAINS-IEC for C14 versions, or UK-MAINS-8
for C8 versions.
5. For US mains lead order part US-MAINS-IEC for C14 versions, or US-MAINS-8
for C8 versions.
6. Output connector: 12 V & 15 V: 4 pin power din with pin 1 & 2 - posiitive and pin
3 & 4 - return, equivalent to KPPX-4P (non-locking). 19 V & 24 V: DC barrel jack;
5.5 outer diameter, 2.5 mm inner diameter with centre positive.
Notes
19 & 24 V Versions
Pin
Connection
1
+Vout
2
+Vout
3
RTN
4
RTN
12 & 15 V Versions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com