Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALM85 Datasheet(PDF) 1 Page - XP Power Limited

Part # ALM85
Description  AC-DC Power Supplies
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ALM85 Datasheet(HTML) 1 Page - XP Power Limited

  ALM85 Datasheet HTML 1Page - XP Power Limited ALM85 Datasheet HTML 2Page - XP Power Limited ALM85 Datasheet HTML 3Page - XP Power Limited ALM85 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ALM85 Series
AC-DC Power Supplies
The ALM85 series of medical external power supplies is fully approved to international medical & IT
safety standards. It has been designed with very high efficiency and low standby power, enabling it to
meet the latest environmental legislation. The unit has a fully sealed enclosure complying with IP32
and a smooth surface finish making it easier to wipe down in a clinical setting.
• Medical & IT Safety Approvals
• Energy Efficiency Level VI & EU CoC Tier 2 Compliant
• 4th Edition Medical EMC
• IP32 Environmental Rating
• Class I and Class II Versions
• <0.15 W Standby Power
• 0 °C to 60 °C Operation
• Low Earth Leakage Current
• 3 Year Warranty
85 Watts
Dimensions:
ALM85:
5.315 x 2.441 x 1.457” (135.0 x 62.0 x 37.0 mm)
www.xppower.com
1
Models & Ratings
Notes
Output Power
Output Voltage
Output Current
Total Regulation
Model Number(1,2)
80 W
12.0 V
6.67 A
±5%
ALM85US12
15.0 V
5.33 A
ALM85US15
85 W
19.0 V
4.47 A
ALM85US19
24.0 V
3.54 A
ALM85US24
1. For class II versions, add suffix 'C2-8' to the end of the part number e.g.
ALM85US24C2-8.
2. For optional input connector retention clip add suffix ‘-A’ to the model number,
e.g. ALM85US24-A (not available for C2 versions)
5.31 (135.0)
0.37 ±0.012
(9.5 ±0.3)
1.5 (38.4)
ø0.685 (17.4)
1.58 (40.2)
R
0.17 (4.4)
0.039 (1.0)
4.76 (121.0)
3.04 (77.2)
1.89 (48.0)
1.58 (40.2)
1.95 ±0.039
(50.0 ±10.0)
2.44
(62.0)
35.43 ±0.79 (900.0 ±20.0)
AC Input
IEC 320-C14
-A Versions
1.46
(37.0)
AC Input
IEC 320-C8
C2-8 Versions
1.46
(37.0)
AC Input
IEC 320-C14
Standard Version
1.46
(37.0)
KPPX-4P
(Non-Locking)
0
Return (-)
Output (+)
K
1. All dimensions shown in inches (mm). Tolerance is 0.02 (0.5) maximum, except
output cable length.
2. Weight: 0.78 lbs (355 g) approx.
3. For European mains lead order part EU-MAINS-IEC for C14 versions,
or EU-MAINS-8 for C8 versions.
4. For UK mains lead order part UK-MAINS-IEC for C14 versions, or UK-MAINS-8
for C8 versions.
5. For US mains lead order part US-MAINS-IEC for C14 versions, or US-MAINS-8
for C8 versions.
6. Output connector: 12 V & 15 V: 4 pin power din with pin 1 & 2 - posiitive and pin
3 & 4 - return, equivalent to KPPX-4P (non-locking). 19 V & 24 V: DC barrel jack;
5.5 outer diameter, 2.5 mm inner diameter with centre positive.
Notes
Mechanical Details
12 & 15 V Versions
19 & 24 V Versions
Pin
Connection
1
+Vout
2
+Vout
3
RTN
4
RTN


Similar Part No. - ALM85

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ALM85 XPPOWER-ALM85 Datasheet
744Kb / 4P
AC-DC Power Supplies
ALM85US12 XPPOWER-ALM85US12 Datasheet
744Kb / 4P
AC-DC Power Supplies
ALM85US15 XPPOWER-ALM85US15 Datasheet
744Kb / 4P
AC-DC Power Supplies
ALM85US19 XPPOWER-ALM85US19 Datasheet
744Kb / 4P
AC-DC Power Supplies
ALM85US24 XPPOWER-ALM85US24 Datasheet
744Kb / 4P
AC-DC Power Supplies
More results

Similar Description - ALM85

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com