Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRU1010CS Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1010CS
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CS Datasheet(HTML) 1 Page - International Rectifier

  IRU1010CS Datasheet HTML 1Page - International Rectifier IRU1010CS Datasheet HTML 2Page - International Rectifier IRU1010CS Datasheet HTML 3Page - International Rectifier IRU1010CS Datasheet HTML 4Page - International Rectifier IRU1010CS Datasheet HTML 5Page - International Rectifier IRU1010CS Datasheet HTML 6Page - International Rectifier IRU1010CS Datasheet HTML 7Page - International Rectifier IRU1010CS Datasheet HTML 8Page - International Rectifier IRU1010CS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRU1010
1
Rev. 1.7
02/03/03
www.irf.com
TYPICAL APPLICATION
DESCRIPTION
The IRU1010 is a low dropout, three-terminal adjustable
regulator with minimum of 1A output current capability.
This product is specifically designed to provide well regu-
lated supply for low voltage IC applications such as high
speed bus termination and low current 3.3V logic sup-
ply. The IRU1010 is also well suited for other applica-
tions such as VGA and sound cards. The IRU1010 is
guaranteed to have <1.3V dropout at full load current
making it ideal to provide well regulated outputs of 2.5V
to 3.6V with 4.75V to 7V input supply.
1A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
Figure 1 - Typical application of IRU1010 in a 5V to 2.85V SCSI termination regulator.
TJ (°C)
2-PIN PLASTIC
2-PIN PLASTIC
8-PIN PLASTIC
3-PIN PLASTIC
TO-252 (D-Pak)
Ultra Thin-PakTM (P)
SOIC (S)
SOT-223 (Y)
0 To 150
IRU1010CD
IRU1010CP
IRU1010CS
IRU1010CY
Data Sheet No. PD94119
PACKAGE ORDER INFORMATION
VGA & Sound Card Applications
Low Voltage High Speed Termination Applications
Standard 3.3V Chip Set and Logic Applications
FEATURES
APPLICATIONS
Guaranteed < 1.3V Dropout at Full Load Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Built-In Thermal Shutdown
Available in SOT-223, D-Pak, Ultra Thin-PakTM
and 8-Pin SOIC Surface-Mount Packages
5V
2.85V / 1A
R1
121
R2
154
C1
10uF
C2
22uF
IRU1010
D1
3
1
2
VIN
VOUT
Adj


Similar Part No. - IRU1010CS

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
128Kb / 8P
1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1010CS

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1206 UNISEM-US1206 Datasheet
39Kb / 7P
1A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE & FIXED REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
1A Ultra Low Dropout Positive Adjustable Regulator
Rev.1.1 Aug 23, 2005
logo
Aimtron Technology
AT1117 AIMTRON-AT1117 Datasheet
268Kb / 10P
1A Low Dropout Fast Response Positive Adjustable Regulator
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
logo
Diodes Incorporated
AP1117 DIODES-AP1117_10 Datasheet
179Kb / 12P
1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com