Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRU1010CS Datasheet(PDF) 10 Page - International Rectifier

Part # IRU1010CS
Description  1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1010CS Datasheet(HTML) 10 Page - International Rectifier

Back Button IRU1010CS Datasheet HTML 2Page - International Rectifier IRU1010CS Datasheet HTML 3Page - International Rectifier IRU1010CS Datasheet HTML 4Page - International Rectifier IRU1010CS Datasheet HTML 5Page - International Rectifier IRU1010CS Datasheet HTML 6Page - International Rectifier IRU1010CS Datasheet HTML 7Page - International Rectifier IRU1010CS Datasheet HTML 8Page - International Rectifier IRU1010CS Datasheet HTML 9Page - International Rectifier IRU1010CS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRU1010
10
Rev. 1.7
02/03/03
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information
Data and specifications subject to change without notice. 02/01
PKG
DESIG
D
P
S
Y
PACKAGE
DESCRIPTION
TO-252, (D-Pak)
Ultra Thin-PakTM
SOIC, Narrow Body
SOT-223
PARTS
PER TUBE
75
75
95
80
PARTS
PER REEL
2500
2500
2500
2500
PACKAGE SHIPMENT METHOD
PIN
COUNT
2
2
8
3
T & R
Orientation
Fig A
Fig B
Fig C
Fig D
Feed Direction
Figure A
1
1
1
Feed Direction
Figure C
Feed Direction
Figure B
Feed Direction
Figure D
1
1
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com