Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRPLLED1 Datasheet(PDF) 5 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 5 Page - International Rectifier

  IRPLLED1 Datasheet HTML 1Page - International Rectifier IRPLLED1 Datasheet HTML 2Page - International Rectifier IRPLLED1 Datasheet HTML 3Page - International Rectifier IRPLLED1 Datasheet HTML 4Page - International Rectifier IRPLLED1 Datasheet HTML 5Page - International Rectifier IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
www.irf.com
5
RD-0608
Since some of these equivalent values of resistance are not available, series and parallel combinations are used and
are specified as follows (all combinations use standard value resistors: 1.43Ω, 0.56Ω, and 0.47Ω):
Ω
= 43
.
1
350mA
R
Ω
=
Ω
Ω
Ω
=
715
.
0
)
43
.
1
||
43
.
1
(
71
.
0
700mA
R
Ω
=
Ω
+
Ω
Ω
+
Ω
Ω
=
515
.
0
)
56
.
0
47
.
0
(
||
)
56
.
0
47
.
0
(
5
.
0
1A
R
Ω
=
Ω
+
Ω
Ω
+
Ω
Ω
+
Ω
Ω
=
343
.
0
)
56
.
0
47
.
0
(
||
)
56
.
0
47
.
0
(
||
)
56
.
0
47
.
0
(
33
.
0
5
.
1 A
R
Although some of the series and parallel combinations do not yield the exact resistance needed for tolerance
purposes, they are accurate enough. For this evaluation board an extremely tight current regulation is achieved with
a worst case result of ±1.2% for the 350mA setting over the bus voltage range from 50V to 170V. Likewise a precise
regulation of ±0.25% can be maintained for a range of load voltage from 16V to 24V at the 350mA current setting.
The jumper positions on the evaluation boards (JSET) for setting the different load currents are shown below:
Fig. 4a: JSET LED Current Programming Settings
Fig. 5 Vout = 16V, L1 = 470uH, COUT = 33uF
0
200
400
600
800
1000
1200
1400
1600
30
50
70
90
110
130
150
170
Vin (V)
350mA
700mA
1A
1.5A
±1.2%
±0.6%
±0.5%
±0.3%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com