Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IRPLLED1 Datasheet(PDF) 10 Page - International Rectifier

Part # IRPLLED1
Description  350mA to 1.5A High Voltage LED Driver using
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLLED1 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRPLLED1 Datasheet HTML 6Page - International Rectifier IRPLLED1 Datasheet HTML 7Page - International Rectifier IRPLLED1 Datasheet HTML 8Page - International Rectifier IRPLLED1 Datasheet HTML 9Page - International Rectifier IRPLLED1 Datasheet HTML 10Page - International Rectifier IRPLLED1 Datasheet HTML 11Page - International Rectifier IRPLLED1 Datasheet HTML 12Page - International Rectifier IRPLLED1 Datasheet HTML 13Page - International Rectifier IRPLLED1 Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
www.irf.com
10
RD-0608
0
50
100
150
200
250
300
350
400
0
1020
30
4050
Capacitance (uF)
40V
100V
160V
Fig. 13 Iout = 350mA, Vout = 16.8V, L = 470uH
The addition of the COUT is essentially increasing the amount of energy that can be stored in the output stage,
which also means it can supply current for an increased period of time. Therefore by slowing down the di/dt
transients in the load, the frequency is effectively decreased.
With the COUT capacitor added to the circuit the inductor current is no longer identical to that seen in the load. The
inductor current has a triangular shape, where as the load will see the same basic trend in the current, but all sharp
corners become rounded with peaks significantly reduced, as can be seen in Fig. 14 and 13.
Fig. 14 Iout = 350mA, Vin = 100V, Vout = 16.85V, L = 470uH, COUT = 33uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com