Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HSWA2-63DR Datasheet(PDF) 2 Page - Mini-Circuits

Part # HSWA2-63DR
Description  SP2T RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HSWA2-63DR Datasheet(HTML) 2 Page - Mini-Circuits

  HSWA2-63DR Datasheet HTML 1Page - Mini-Circuits HSWA2-63DR Datasheet HTML 2Page - Mini-Circuits HSWA2-63DR Datasheet HTML 3Page - Mini-Circuits HSWA2-63DR Datasheet HTML 4Page - Mini-Circuits HSWA2-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SP2T RF Switch
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• High Isolation, 69 dB typ. at 1 GHz
• Low insertion loss, 0.95 dB typ. at 1 GHz
• High Input IP3, 65 dBm typ.
• Fast switching time, 300 ns typ.
• Low current consumption, 120
µA typ.
• Wide bandwidth, 100-6000 MHz, usable over 1kHz-6000 MHz
Typical Applications
• Defense
• Test and Measurements
• Switch matrices
General Description
HSWA2-63DR+ is a high isolation absorptive SPDT switch with integral CMOS driver, operates with single
positive supply voltage while consuming, 120
µA typical. It has been designed for very wide band opera-
tion. It is packaged in a 4mm x 4mm x0.9mm 20-lead MCLP package and is rated MSL3.
HSWA2-63DR+
REV. OR
M161605
HSWA2-63DR+
RS/CP
170424
50
Ω
100 MHz - 6 GHz
CASE STYLE: DG983-3
Simplified Schematic and Pad Description
Absorptive RF Switch with internal driver
Single Supply Voltage, +2.7V to +5.5V
Function
Pad
Number
Description
RF COM
8
RF common/ SUM port*
RF1
3
RF out #1/In port #1*
RF2
13
RF out #1/In port #2*
Control 1
17
CMOS Control IN #1
Control 2
16
CMOS Control IN #2
VDD
20
Supply voltage
GND
1.2,4-7,9,10-12
14,15,18,19
Ground
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
* Must be held at 0VDC. If required add DC blocking capacitors on these ports.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com