Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HSWA2-63DR Datasheet(PDF) 4 Page - Mini-Circuits

Part # HSWA2-63DR
Description  SP2T RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HSWA2-63DR Datasheet(HTML) 4 Page - Mini-Circuits

  HSWA2-63DR Datasheet HTML 1Page - Mini-Circuits HSWA2-63DR Datasheet HTML 2Page - Mini-Circuits HSWA2-63DR Datasheet HTML 3Page - Mini-Circuits HSWA2-63DR Datasheet HTML 4Page - Mini-Circuits HSWA2-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPDT RF Switch
HSWA2-63DR+
Page 4 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings5
Parameter
Ratings
Operating temperature
-40°C to +105°C
Storage temperature
-65°C to 150°C
V
DD, Supply voltage
-0.3 to 5.5V
Voltage control
-0.3V Min. 3.6 Max.
RF Input power, CW6
+30 dBm
RF Power into output ports6
+20 dBm
Maximum Die Junction Temperature
150°C
Truth Table
Mode
State of Control voltage
Control 1
Control 2
RF COM-RF1 ON
HIGH
LOW
RF COM-RF2 ON
LOW
HIGH
ALL OFF
LOW
LOW
Unsupported
HIGH
HIGH
5. Operation of this device above any of these conditions may cause permanent damage.
6. 100% Duty Cycle, all band, 50
Ω
Characterization / Application Test Circuit
Figure 2. Block Diagram of test Circuit used for characterization
(DUT soldered on Mini-Circuits’ TB-919+)
Note: Cblock is required only when DC is present on RF ports.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com