Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS91720 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS91720
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91720 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS91720 Datasheet HTML 1Page - Integrated Circuit Systems ICS91720 Datasheet HTML 2Page - Integrated Circuit Systems ICS91720 Datasheet HTML 3Page - Integrated Circuit Systems ICS91720 Datasheet HTML 4Page - Integrated Circuit Systems ICS91720 Datasheet HTML 5Page - Integrated Circuit Systems ICS91720 Datasheet HTML 6Page - Integrated Circuit Systems ICS91720 Datasheet HTML 7Page - Integrated Circuit Systems ICS91720 Datasheet HTML 8Page - Integrated Circuit Systems ICS91720 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
ICS91720
0698D—10/05/04
Pin Description
PIN #
PIN NAME
PIN
TYPE
DESCRIPTION
1CLKIN
PWR
Input for reference clock.
2
VDD
IN
Power supply, nominal 3.3V
3
GND
OUT
Ground pin.
Modulated clock output.
Frequency select latch input. Refer to the functionality table.
Un-modulated 3.3V reference clock output.
Frequency select latch input. Refer to the functionality table.
6
SDATA
PWR
Data pin for I2C circuitry 5V tolerant
7
SCLK
PWR
Clock pin of I2C circuitry 5V tolerant
8PD#*
PWR
Asynchronous active low input pin used to power down the device into a
low power state. The internal clocks are disabled and the VCO and the
crystal are stopped. The latency of the power down will not be greater
than 1.8ms.
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor
I/O
I/O
4
**CLKOUT/FS_IN0
REF_OUT/FS_IN1*
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com