Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ICS91720 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS91720
Description  Low EMI, Spread Modulating, Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS91720 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS91720 Datasheet HTML 1Page - Integrated Circuit Systems ICS91720 Datasheet HTML 2Page - Integrated Circuit Systems ICS91720 Datasheet HTML 3Page - Integrated Circuit Systems ICS91720 Datasheet HTML 4Page - Integrated Circuit Systems ICS91720 Datasheet HTML 5Page - Integrated Circuit Systems ICS91720 Datasheet HTML 6Page - Integrated Circuit Systems ICS91720 Datasheet HTML 7Page - Integrated Circuit Systems ICS91720 Datasheet HTML 8Page - Integrated Circuit Systems ICS91720 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
ICS91720
0698D—10/05/04
Block Diagram
Pin Configuration
Features:
ICS91720 is a Spread Spectrum Clock targeted for
Mobile PC and LCD panel applications that
generates an EMI-optimized clock signal (EMI peak
reduction of 7-14 dB on 3rd-19th harmonics) through
use of Spread Spectrum techniques.
ICS91720 focuses on the lower input frequency
range of 14.318 to 80.00 MHz with a spread
modulation of 20kHz to 40kHz.
Specifications:
Supply Voltages: VDD = 3.3V ±0.3V
Frequency range: 14.318 MHz
≤ Fin ≥ 80 MHz
Cyc to Cyc jitter: <150ps
Output duty cycle 45-55%
Guarantees +85°C operational condition.
8-pin SOIC/TSSOP
Reference input
Low EMI, Spread Modulating, Clock Generator
Functionality
CLK
CL
REFOUT
KOUT
OUT
PD#
PD#
CLKIN
CLKIN
PLL1
PLL1
Spread
Spread
Spectr
Spectrum
um
SD
SDATA
SCLK
SCLK
FS_IN0:1
Control
Control
Logic
Logic
Config.
Config.
Reg.
Reg.
CLKIN 18 PD#*
VDD 27 SCLK
GND 36 SDATA
**CLKOUT/FS_IN0 45 REF_OUT/FS_IN1*
** Internal Pull-Down Resistor
8 Pin SOIC/TSSOP
* Internal Pull-Up Resistor
FSIN_1 FSIN_0
0
0
-0.8 down spread
0
1
-1.00 down spread
1
0
27.00MHz in --> 27.00MHz out
-1.25 down spread
1
1
-0.8 down spread
48.00MHz in -->48.00 MHz out
MHz
Spread % default
14.318 MHz in --> 27MHz out
14.318MHz -->14.318MHz out


Similar Part No. - ICS91720

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720YGLF-T RENESAS-ICS91720YGLF-T Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720YMLF-T RENESAS-ICS91720YMLF-T Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
More results

Similar Description - ICS91720

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS91718 ICST-ICS91718 Datasheet
84Kb / 11P
Low EMI, Spread Modulating, Clock Generator
ICS91719 ICST-ICS91719 Datasheet
76Kb / 10P
Low EMI, Spread Modulating, Clock Generator
ICS91730 ICST-ICS91730 Datasheet
128Kb / 11P
Low EMI, Spread Modulating, Clock Generator
logo
Cypress Semiconductor
FS791 CYPRESS-FS791 Datasheet
143Kb / 9P
Low EMI Spectrum Spread Clock
CYIFS781BSXC CYPRESS-CYIFS781BSXC Datasheet
252Kb / 12P
Low EMI Spectrum Spread Clock
logo
Integrated Device Techn...
ICS91730 IDT-ICS91730 Datasheet
165Kb / 11P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
logo
Renesas Technology Corp
ICS91718 RENESAS-ICS91718 Datasheet
301Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91719 RENESAS-ICS91719 Datasheet
307Kb / 11P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91720 RENESAS-ICS91720 Datasheet
270Kb / 12P
Low EMI, Spread Modulating, Clock Generator
2019
ICS91730 RENESAS-ICS91730 Datasheet
334Kb / 12P
LOW EMI, SPREAD MODULATING, CLOCK GENERATOR
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com