Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3209 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3209
Description  1.5MHz, 1.5A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3209 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3209 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP3209-01
Jul.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP3209
Function Diagram
osc
Slope
compensation
Control
logic
Current limit
Comp.
Current comp.
0.6V
REF
VIN
EN
1
5
VFB
VREF
EA
Over voltege
Comp.
0.6V
VIN
LX
GND
4
3
2
PWM
Comp.
+
+
+
+
+
-
-
-
-
-
shutdown
VREF
Absolute Maximum Ratings
Note 1
Input Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V
SW to GND (VLX) ------------------------------------------------------------------------------------ -0.3V to VIN +0.3V
FB to GND (VFB) ------------------------------------------------------------------------------------- -0.3V to VIN +0.3V
EN to GND (VEN) ------------------------------------------------------------------------------------- -0.3V to VIN+0.3V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) -------------------------------------------------------- -40℃ to 85℃
Storage Temperature Range (TJ) --------------------------------------------------------------------- -65℃ to 150℃
Maximum Soldering Temperature (at leads, 10sec) --------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-5, PD,TA=25℃) ------------------------------------------------------ 0.45W
Thermal Resistance (SOT23-5, θJA) ------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com