Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3209 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3209
Description  1.5MHz, 1.5A Step-Down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3209 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3209 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3209 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LP3209-01
Jul.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 10
Preliminary Datasheet
LP3209
Typical Operating Characteristics
(VIN=VEN=5V,L=1uH,CIN=22uF,COUT=22uF,CFB=22pF,TA=25℃,unless otherwise noted)
Output Ripple
Output Ripple
VIN=5V,VOUT=1.2V,IOUT=0A
VIN=5V,VOUT=1.2V,IOUT=0.5A
Output Ripple
VIN Power Up
VIN=5V,VOUT=1.2V,IOUT=1A
VIN=5V,VOUT=1.2V,IOUT=0A
60%
65%
70%
75%
80%
85%
90%
95%
0
500
1000
1500
Iout/mA
Vout=1.2V
Vin=5V
Vin=3.3V
60%
70%
80%
90%
100%
0
500
1000
1500
Iout/mA
Vout=3.3V
Vin=5V
1us/div.
2us/div.
LX /DC
5V/div.
LX /DC
5V/div.
VOUT /AC
20mV/div.
VOUT /AC
20mV/div.
IL /DC
500mA/div.
IL /DC
500mA/div.
100us/div.
1us/div.
LX /DC
5V/div.
VOUT /AC
20mV/div.
VOUT /DC
1V/div.
LX /DC
5V/div.
IL /DC
1A/div.
VIN /DC
5V/div.
IL /DC
500mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com