Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6303 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6303
Description  Buck 2A, 3-Channel Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6303 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6303 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LP6303-01
Apr.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 11
Preliminary Datasheet
LP6303
Functional Pin Description
Package Type
Pin Configurations
TQFN 4×4
GND1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Top View
FB1
NC
NC
NC
GND
GND2
FB2
GND
VCC
FB3
GND3
Pin Description
Pin
Name
Description
1
GND3
Power Common Ground.
2
FB3
CH3 Feedback Reference Voltage Pin.
3,20
VCC
Chip power supply.
15,16,17,19
NC
No Connecter.
5
FB2
CH2 Feedback Reference Voltage Pin.
6
GND2
Power Common Ground.
7
SW2
CH2 Switch Pin.
8
VIN2
CH2 Supply Input Power.
9
EN2
CH2 Chip Enable.
10
EN1
CH1 Chip Enable.
11
VIN1
CH1 Supply Input Power.
12
SW1
CH1 Switch Pin.
13
GND1
Power Common Ground.
14
FB1
CH1 Feedback Reference Voltage Pin.
4,18,21
GND
Power Common Ground.
22
EN3
CH3 Chip Enable.
23
VIN3
CH3 Supply Input Power.
24
SW3
CH3 Switch Pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com