Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP6303 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP6303
Description  Buck 2A, 3-Channel Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6303 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP6303 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6303 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LP6303-01
Apr.-2014
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 5 of 11
Preliminary Datasheet
LP6303
Electrical Characteristics
(VINX=5V, VCC=5V, TA=25°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Supply Voltage
Input Voltage
VINX
2.2
5.5
V
Control Circuit Input Voltage
VCC
2.2
5.5
V
Buck Converter
Shutdown Supply Current
ISD
VEN = 0V
0.1
1
μA
Quiescent Current
IQ
VEN = 2V, No Load
280
μA
UVLO Threshold
VUVLO
VIN Rising
2
V
UVLO Hysteresis
VUV-HYST
0.1
V
Output Load Current
ILOAD
2
A
Reference Voltage
VREF
0.588
0.6
0.612
V
Switching Frequency
FSW
ILOAD = 100mA
1
1.5
2
MHz
PMOS Current Limit
ILIM-P
3
A
PMOS On-Resistance Note
RDS(ON)-P
ILOAD = 100mA
100
NMOS On-Resistance Note
RDS(ON)-N
ILOAD = 100mA
90
Enable Pin Input Low Voltage
VEN-L
0.4
V
Enable Pin Input High Voltage
VEN-H
1.5
V
Enable Input Current
IEN
5
uA
Output Voltage Soft Start
tSS
(0%→90%)VOUT
450
us
Over-Temperature Shutdown
Threshold
TSD
150
Maximum Duty Cycle
DMAX
100
%
Note: MOSFET on-resistance specifications are guaranteed by correlation to wafer level measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com