Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LACP7P Datasheet(PDF) 13 Page - OSRAM GmbH

Part # LACP7P
Description  SMD ceramic package with silicon resin with lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LACP7P Datasheet(HTML) 13 Page - OSRAM GmbH

Back Button LACP7P Datasheet HTML 9Page - OSRAM GmbH LACP7P Datasheet HTML 10Page - OSRAM GmbH LACP7P Datasheet HTML 11Page - OSRAM GmbH LACP7P Datasheet HTML 12Page - OSRAM GmbH LACP7P Datasheet HTML 13Page - OSRAM GmbH LACP7P Datasheet HTML 14Page - OSRAM GmbH LACP7P Datasheet HTML 15Page - OSRAM GmbH LACP7P Datasheet HTML 16Page - OSRAM GmbH LACP7P Datasheet HTML 17Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Released
LA CP7P, LR CP7P, LY CP7P
2011-03-21
13
Maßzeichnung
5) Seite 20
Package Outlines
5) page 20
Anm.: Die LED enthält ein ESD-Bauteil, das parallel zum Chip geschalten ist.
Note: LED is protected by ESD device which is connected in parallel to LED-Chip.
Anm.:
Das Gehäuse ist für Ultraschallreinigung nicht geeignet
Note: Package not suitalbe for ultra sonic cleaning
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Kathodenkennung:
Markierung
Cathode mark:
mark
Gewicht / Approx. weight:
2.5 mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com