Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LACP7P Datasheet(PDF) 19 Page - OSRAM GmbH

Part # LACP7P
Description  SMD ceramic package with silicon resin with lens
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LACP7P Datasheet(HTML) 19 Page - OSRAM GmbH

Back Button LACP7P Datasheet HTML 12Page - OSRAM GmbH LACP7P Datasheet HTML 13Page - OSRAM GmbH LACP7P Datasheet HTML 14Page - OSRAM GmbH LACP7P Datasheet HTML 15Page - OSRAM GmbH LACP7P Datasheet HTML 16Page - OSRAM GmbH LACP7P Datasheet HTML 17Page - OSRAM GmbH LACP7P Datasheet HTML 18Page - OSRAM GmbH LACP7P Datasheet HTML 19Page - OSRAM GmbH LACP7P Datasheet HTML 20Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Released
LA CP7P, LR CP7P, LY CP7P
2011-03-21
19
Wegen der Streichung der LED aus der IEC 60825 erfolgt die Bewertung der Augensicherheit nach dem Standard IEC
62471:2006("photobiological safety of lamps and lamp systems")
Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt angegebenen LED die "exempt"- Gruppe (die sich im
"sichtbaren" Spektralbereich auf eine Expositionsdauer von 10000 s bezieht). Unter realen Umständen (für Expositionsdauer,
Augenpupille, Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei Augengefährdung aus.
Grundsätzlich sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres Gefahrenpotenzial
besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch, können temporär eingeschränktes Sehvermögen
und Nachbilder je nach Situation zu Irritationen, Belästigungen, Beeinträchtigungen oder sogar Unfällen führen.
Due to the cancellation of the LED from IEC 60825, the evaluation of eye safety occurs according to the standard IEC 62471:2006
("photobiological safety of lamps and lamp systems").
Within the risk grouping system of this CIE standard, the LEDs specified in this data sheet fall into the "exempt" group (relating to devices
in the visible spectrum with an exposure time of 10000 s). Under real circumstances (for exposure time, eye pupils, observation distance),
it is assumed that no endangerment to the eye exists from these devices.
As a matter of principle, however, it should be mentioned that intense light sources have a high secondary exposure potential due to their
blinding effect. As is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual acuity and afterimages
can occur, leading to irritation, annoyance, visual impairment, and even accidents, depending on the situation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous
substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement
we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us
unsorted or which we are not obliged to accept, we shall have to invoice you fo
r any costs incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components
7) page 20 may only be used in life-support devices or systems8) page 20 with the express written approval of OSRAM OS.
Revision History:
2011-03-21
Previous Version:
2010-10-28
Page
Subjects (major changes since last revision)
Date of change
all
Preliminary Data Sheet created
2009-07-20
1, 12
JEDEC Level updated
2009-09-15
10
Approx. weight corrected
2009-09-25
1, 10
additional information
2010-02-26
all
color red and yellow added / datasheet reworked
2010-06-16
19
eye safety information added
2010-08-03
1
Typical Luminous Flux, optical efficiency updated
2010-08-19
19
eye safety information updated
2010-08-31
1
Typical Luminous Flux, optical efficiency corrected
2010-09-09
19
eye safety information corrected
2010-09-09
all
Final datasheet created
2010-10-28
1, 17
Taping corrected
2011-03-21
12
Max. Permissible Forward Current updated
2011-03-21
15
Note added
2011-03-21
Patent List
Patent No.
US 6 066 861
US 6 277 301
US 6 245 259



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com