Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PSAYC-3.3S Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # PSAYC-3.3S
Description  2 Watt AC/DC PCB Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

PSAYC-3.3S Datasheet(HTML) 1 Page - Wall Industries,Inc.

  PSAYC-3.3S Datasheet HTML 1Page - Wall Industries,Inc. PSAYC-3.3S Datasheet HTML 2Page - Wall Industries,Inc. PSAYC-3.3S Datasheet HTML 3Page - Wall Industries,Inc. PSAYC-3.3S Datasheet HTML 4Page - Wall Industries,Inc. PSAYC-3.3S Datasheet HTML 5Page - Wall Industries,Inc. PSAYC-3.3S Datasheet HTML 6Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev D
PSAYC SERIES
2 Watt
AC/DC Switching Power Supplies
08/25/2015
Wall Industries, Inc. • 37 Industrial Dr., Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 6
Size:
1.33 x 0.87 x 0.67 inches
33.7 x 22.2 x 17.0 mm
FEATURES
RoHS Compliant
Isolation Class II
2 Watts Output Power
Low Ripple and Noise
Single Outputs
UL/cUL, CE, CB Safety
Approvals
PCB Mountable Switching Power Supply
Fully Encapsulated Plastic Case
-40°C to +80°C Operating Temperature Range
< 0.3W No Load Power Consumption
Universal Input Range: 90-305VAC (120-430VDC)
Short Circuit, Over Power, and Over Voltage
Protection
DESCRIPTION
The PSAYC series of AC/DC switching power supplies provides 2 watts of output power in
a 1.33” x 0.87” x 0.67” encapsulated PCB mountable package. This series consists of
single output models with a universal input range of 90-305VAC (120-430VDC). Some
features include low ripple and noise, -40°C to +80°C operating temperature range, and
over power, over voltage, and short circuit protection. All models are RoHS compliant and
have UL/cUL, CE, and CB safety approvals.
MODEL SELECTION TABLE
Model Number
Input Voltage
Output
Voltage
Output Current
Line
Regulation
Load
Regulation
Output
Power
Efficiency
Maximum
Capacitive Load
Min Load
Max Load
PSAYC-3.3S
90~305 VAC
(120~430 VDC)
3.3 VDC
0%
600mA
±1.0%
±1.5%
2W
66%
7,
000μF
PSAYC-5S
5 VDC
0%
400mA
±1.0%
±1.5%
2W
70%
4
,000μF
PSAYC-9S
9 VDC
0%
222mA
±1.0%
±1.5%
2W
73%
1200µF
PSAYC-12S
12 VDC
0%
167mA
±1.0%
±1.5%
2W
73%
5
00μF
PSAYC-15S
15 VDC
0%
133mA
±1.0%
±1.5%
2W
73%
35
0μF
PSAYC-24S
24 VDC
0%
83mA
±1.0%
±1.5%
2W
75%
11
0μF


Similar Part No. - PSAYC-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC-3.3S WALL-PSAYC-3.3S Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
More results

Similar Description - PSAYC-3.3S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAOC WALL-PSAOC Datasheet
123Kb / 4P
AC/DC PCB Mount Power Supplies
PSAOCH WALL-PSAOCH Datasheet
122Kb / 4P
AC/DC PCB Mount Power Supplies
PSAZC WALL-PSAZC Datasheet
312Kb / 3P
AC/DC PCB Mount Power Supplies
logo
List of Unclassifed Man...
YAS505E ETC2-YAS505E Datasheet
597Kb / 4P
AC-DC Power Supplies PCB Mount type
logo
Wall Industries,Inc.
PSAZC WALL-PSAZC_18 Datasheet
211Kb / 3P
2 Watt AC/DC PCB Mount Power Supplies
PSATC WALL-PSATC_18 Datasheet
526Kb / 5P
10 Watt AC/DC Encapsulated PCB Mount Power Supplies
logo
COSEL CO., LTD.
YS5 COSEL-YS5 Datasheet
305Kb / 6P
AC-DC Power Supplies PCB Mount type
TUHS COSEL-TUHS Datasheet
2Mb / 14P
AC-DC Power Supplies PCB Mount Type
January 31, 2022
VAF1024 COSEL-VAF1024 Datasheet
510Kb / 4P
AC-DC Power Supplies PCB Mount type
VAA1005 COSEL-VAA1005 Datasheet
291Kb / 4P
AC-DC Power Supplies PCB Mount Type
March 13, 2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com