Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3166 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 2 Page - Analog Devices

  ADP3166 Datasheet HTML 1Page - Analog Devices ADP3166 Datasheet HTML 2Page - Analog Devices ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
ADP3166–SPECIFICATIONS
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Accuracy
VFB
0.8 V Output
Referenced to FBRTN, CSSUM = CSCOMP, 0.792 0.800 0.808
V
See Test Circuit 1
1.175 V Output
Referenced to FBRTN, CSSUM = CSCOMP,
1.163 1.175 1.187
V
See Test Circuit 1
1.55 V Output
Referenced to FBRTN, CSSUM = CSCOMP,
1.535 1.55
1.566
V
See Test Circuit 1
Line Regulation
∆V
FB
VCC = 10 V to 14 V
0.05
%
Input Bias Current
IFB
–13
–15.5 –17
µA
FBRTN Current
IFBRTN
100
200
µA
Output Current
IO(ERR)
FB forced to VOUT – 3%
500
µA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
50
V/
µs
VID INPUTS
Input Low Voltage
VIL(VID)
0.8
V
Input High Voltage
VIH(VID)
2V
Input Current
IVID
VID(X) = 0 V
20
26
µA
Pull-Up Resistance
RVID
100
120
k
Ω
Internal Pull-Up Voltage
2.0
2.4
2.65
V
VID Transition Delay Time
2
VID code change to FB change
400
ns
No CPU Detection Turn-Off
VID code change to 11111 to
400
ns
Delay Time
2
PWM going low
OSCILLATOR
Frequency Range2
fOSC
0.25
4
MHz
Frequency Variation
fPHASE
TA = 25
°C, RT = 250 kΩ, 4-phase
160
200
240
kHz
TA = 25
°C, RT = 115 kΩ, 4-phase2
400
kHz
TA = 25
°C, R
T = 75 k
Ω, 4-phase2
600
kHz
Output Voltage
VRT
RT = 100 k
Ω to GND
1.9
2.0
2.1
V
Timing Resistor Value
500
k
Ω
RAMPADJ Voltage
VRAMPADJ
RAMPADJ – FB
–50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
050
µA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF, see Test Circuit 2
–3
+3
mV
Input Bias Current
IBIAS(CSA)
20
100
nA
Gain Bandwidth Product
GBWCSA
20
MHz
Slew Rate
CCSCOMP = 10 pF
50
V/
µs
Input Common-Mode Range
CSSUM and CSREF
0
3
V
Positioning Accuracy
∆V
FB
See Test Circuit 3
–76
–80
–84
mV
Output Voltage Range
ICSCOMP =
±100 µA
0.05
3.3
V
Output Current
ICSCOMP
500
µA
CURRENT BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
–600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
24
30
36
k
Ω
Input Current
ISW(X)
SW(X) = 0 V
5
7
9
µA
Input Current Matching
∆ISW(X)
SW(X) = 0 V
–5
+5
%
CURRENT LIMIT COMPARATOR
Output Voltage
Normal Mode
VILIMIT(NM)
EN > 2 V
2.9
3
3.1
V
In Shutdown
VILIMIT(SD)
EN < 0.8 V, IILIMIT = –100
µA
400
mV
Output Current, Normal Mode
IILIMIT(NM)
EN > 2 V, RILIMIT = 250 k
Ω
12
µA
Maximum Output Current
EN > 2 V
60
µA
Current Limit Threshold Voltage
VCL
VCSREF – VCSCOMP, RILIMIT = 250 k
Ω
105
125
145
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/
µA
Latch-Off Delay Threshold
VSET(DLY)
In current limit
1.7
1.8
1.9
V
Latch-Off Delay Time
tSET(DLY)
RDELAY = 250 k
Ω, CDELAY = 4.7 nF
600
µs
(VCC = 12 V, FBRTN = GND, TA = 0 C to 85 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com