Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP3166 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3166
Description  5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3166 Datasheet(HTML) 3 Page - Analog Devices

  ADP3166 Datasheet HTML 1Page - Analog Devices ADP3166 Datasheet HTML 2Page - Analog Devices ADP3166 Datasheet HTML 3Page - Analog Devices ADP3166 Datasheet HTML 4Page - Analog Devices ADP3166 Datasheet HTML 5Page - Analog Devices ADP3166 Datasheet HTML 6Page - Analog Devices ADP3166 Datasheet HTML 7Page - Analog Devices ADP3166 Datasheet HTML 8Page - Analog Devices ADP3166 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. 0
ADP3166
–3–
NOTES
1All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC).
2Guaranteed by design, not tested in production.
Specifications subject to change without notice.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SOFT START
Output Current, Soft Start Mode
IDELAY(SS)
During start-up, DELAY < 2.8 V
15
20
25
µA
Soft Start Delay Time
tDELAY(SS)
RDELAY = 250 k
Ω, C
DELAY = 4.7 nF
350
µs
VID Code = 01111
ENABLE INPUT
Input Low Voltage
VIL(EN)
0.8
V
Input High Voltage
VIH(EN)
2V
Input Current
–1
+1
µA
POWER GOOD COMPARATOR
Undervoltage Threshold
VPWRGD(UV)
Relative to nominal DAC output
–200
–300
–400
mV
Overvoltage Threshold
VPWRGD(OV)
Relative to nominal DAC output
200
300
400
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4 mA
150
400
mV
Off-State Leakage Current
VCSREF = VDAC
50
µA
Delay Time
VID Code Changing
100
250
µs
VID Code Static
400
ns
CROWBAR COMPARATOR
Crowbar Trip Point
VCROWBAR
2.0
2.1
2.2
V
Crowbar Reset Point
300
400
500
mV
Crowbar Response Time
tCROWBAR
Overvoltage to PWM Low
400
ns
Overvoltage to CRWBR High
400
ns
Output Voltage Low
VOL(CROWBAR) ICROWBAR(SINK) = 100
µA
100
500
mV
Output Voltage High
VOH(CROWBAR) ICROWBAR(SOURCE) = 100
µA
4.0
5.0
V
PWM OUTPUTS
Output Voltage Low
VOL(PWM)
IPWM(SINK) = 400
µA
160
500
mV
Output Voltage High
VOH(PWM)
IPWM(SOURCE) = 400
µA
4.0
5.0
V
SUPPLY
DC Supply Current
ICC
710
mA
UVLO Threshold Voltage
VUVLO
VCC rising
6.5
6.9
7.3
V
UVLO Hysteresis
0.7
0.9
1.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com