Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMB08-02BPSVC0S Datasheet(PDF) 2 Page - SICK AG

Part # IMB08-02BPSVC0S
Description  INDUCTIVE PROXIMITY SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMB08-02BPSVC0S Datasheet(HTML) 2 Page - SICK AG

  IMB08-02BPSVC0S Datasheet HTML 1Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 2Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 3Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 4Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 5Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 6Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 7Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMB08-02BPSVC0S | IMB
INDUCTIVE PROXIMITY SENSORS
Illustration may differ
Ordering information
Type
Part no.
IMB08-02BPSVC0S
1072673
Other models and accessories
www.sick.com/IMB
Detailed technical data
Features
Housing
Cylindrical thread design
Housing
Standard
Thread size
M8
1
Diameter
Ø 8 mm
Sensing range Sn
2 mm
Safe sensing range Sa
1.62 mm
Installation type
Flush
Switching frequency
4,000 Hz
Connection type
Male connector M12, 4-pin 1)
Switching output
PNP
Output function
NO
Electrical wiring
DC 3-wire
Enclosure rating
IP68 2)
IP69K 3)
Special features
Resistant against coolant lubricants, Optical adjustment indicatorCapable of communication
via IO-Link 1.0
1) With gold plated contact pins.
2) According to EN 60529.
3) According to ISO 20653:2013-03.
Communication interface
Communication interface
IO-Link V1.0
Mode
COM2 (38,4 kBaud)
Process data length
1 Byte
Process data structure
Bit 0 = Sr reached
2
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-04 11:42:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com