Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IMB08-02BPSVC0S Datasheet(PDF) 6 Page - SICK AG

Part # IMB08-02BPSVC0S
Description  INDUCTIVE PROXIMITY SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

IMB08-02BPSVC0S Datasheet(HTML) 6 Page - SICK AG

  IMB08-02BPSVC0S Datasheet HTML 1Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 2Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 3Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 4Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 5Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 6Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 7Page - SICK AG IMB08-02BPSVC0S Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IMB08-02BPSVC0S | IMB
INDUCTIVE PROXIMITY SENSORS
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, M12, 4-pin, straight
Head B: Flying leads
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-G02MRN
6058291
Head A: female connector, M12, 4-pin, straight
Head B: Flying leads
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-G05MRN
6058476
Head A: female connector, M12, 4-pin, angled with LED
Head B: Flying leads
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-L02MRN
6058482
Head A: female connector, M12, 4-pin, angled with LED
Head B: Flying leads
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-L05MRN
6058483
Head A: female connector, M12, 4-pin, angled
Head B: Flying leads
Cable: PP, unshielded, 2 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-W02MRN
6058474
Head A: female connector, M12, 4-pin, angled
Head B: Flying leads
Cable: PP, unshielded, 5 m
This product is generally resistant to chemical cleaning agents (see ECOLAB) and other
chemical compounds such as H2O2 and CH2O2. Before permanent installation is car-
ried out, the material's resistance to the cleaning agent being used must be checked.,
Resistant against lactic acid & hydrogen peroxide (H2O2)
DOL-1204-W05MRN
6058477
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YF2A14-020UB3XLEAX
2095607
Head A: female connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YF2A14-050UB3XLEAX
2095608
Head A: female connector, M12, 4-pin, angled, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YG2A14-050UB3XLEAX
2095767
Head A: male connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 2 m
YM2A14-020UB3XLEAX
2095867
Head A: male connector, M12, 4-pin, straight, A-coded
Head B: Flying leads
Cable: Sensor/actuator cable, PUR, halogen-free, unshielded, 5 m
YM2A14-050UB3XLEAX
2095858
6
PROXIMITY SENSORS | SICK
Online data sheet | 2018-05-04 11:42:19
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com