Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2143 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2143 Datasheet HTML 2Page - Monolithic Power Systems MP2143 Datasheet HTML 3Page - Monolithic Power Systems MP2143 Datasheet HTML 4Page - Monolithic Power Systems MP2143 Datasheet HTML 5Page - Monolithic Power Systems MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems MP2143 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP2143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP2143 Rev. 1.07
www.MonolithicPower.com
6
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VOUT = 1.2V, L = 1.0µH, COUT=22µF, TA = 25°C, unless otherwise noted
Vout
50.0mV/div.
Vsw
2.00V/div.
IL
1.00A/div.
Output Ripple
IOUT=0A
Vout
10.0mV/div.
Vsw
2.00V/div.
IL
1.00A/div.
Vout
10.0mV/div.
Vsw
2.00V/div.
IL
2.00A/div.
Vout
100mV/div.
Vsw
5.00V/div.
IL
2.00A/div.
Vout
20.0mV/div.
Vsw
5.00V/div.
IL
2.00A/div.
Vout
500mV/div.
Vsw
5.00V/div.
Vin
5.00V/div.
IL
2.00A/div.
Vout
500mV/div.
Vsw
5.00V/div.
Vin
5.00V/div.
IL
2.00A/div.
Vout
500mV/div.
Vsw
2.00V/div.
Vin
2.00V/div.
Vout
500mV/div.
Vsw
2.00V/div.
Vin
2.00V/div.
IL
2.00A/div.
Output Ripple
IOUT=1A
Output Ripple
IOUT=3A
Output Ripple
VIN = 6V, VOUT = 0.6V, IOUT=0A
Output Ripple
VIN = 6V, VOUT = 0.6V, IOUT=3A
VIN Power Up
without Load
VIN Power Up
with 3A Load
VIN Shut Down
without Load
VIN Shut Down
with 3A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com