Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2143 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2143
Description  3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2143 Datasheet HTML 6Page - Monolithic Power Systems MP2143 Datasheet HTML 7Page - Monolithic Power Systems MP2143 Datasheet HTML 8Page - Monolithic Power Systems MP2143 Datasheet HTML 9Page - Monolithic Power Systems MP2143 Datasheet HTML 10Page - Monolithic Power Systems MP2143 Datasheet HTML 11Page - Monolithic Power Systems MP2143 Datasheet HTML 12Page - Monolithic Power Systems MP2143 Datasheet HTML 13Page - Monolithic Power Systems MP2143 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP2143 – 3A, 5.5V, 1.2MHz, 40μA IQ, COT SYNCHRONOUS STEP-DOWN SWITCHER
MP2143 Rev. 1.07
www.MonolithicPower.com
10
7/4/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
Constant
On -Time
Pulse
PWM
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
COMP
+
-
VIN
+
+
-
FBCOMP
EN
Driver
PDRV
NDRV
Soft start
PGND
AGND
OUT
PWM
COMP
+
-
COMP
+
-
0.66V
0.54V
PG
Hi-Z
FB for
Fixed Output
VIN
E.A.
+
-
+
Ramp
Generator
COMP
+
-
VOUT
RST
SW
Lo-Iq
Lo-Iq
Lo-Iq
Lo-Iq
Lo-Iq
V
TH
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com