Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2145 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2145
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2145 Datasheet HTML 1Page - Monolithic Power Systems MP2145 Datasheet HTML 2Page - Monolithic Power Systems MP2145 Datasheet HTML 3Page - Monolithic Power Systems MP2145 Datasheet HTML 4Page - Monolithic Power Systems MP2145 Datasheet HTML 5Page - Monolithic Power Systems MP2145 Datasheet HTML 6Page - Monolithic Power Systems MP2145 Datasheet HTML 7Page - Monolithic Power Systems MP2145 Datasheet HTML 8Page - Monolithic Power Systems MP2145 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP2145
– 5.5V, 6A, 1.2MHz, COT, BUCK SWITCHER
MP2145 Rev. 1.11
www.MonolithicPower.com
3
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Quiescent)
IQ
VIN=3.6V, VEN=2V,
VFB = 0.65V
40
60
μA
Shutdown Current
VEN = 0V
0.1
1
μA
IN Under-Voltage Lockout
Threshold
2.4
2.55
2.7
V
IN Under-Voltage Lockout
Hysteresis
300
mV
Regulated FB Voltage
VFB
2.8V<VIN<5.5V
0.594
0.600
0.606
V
FB Input Current
VFB = 0.65V
50
nA
EN High Threshold
1.6
V
EN Low Threshold
0.4
V
EN Input Current
VEN = 2V
2
μA
VEN = 0V
0
Internal Soft-Start Time
(5)
τ
SS
1.5
ms
High-Side Switch On-Resistance
RDSON_P
20
mΩ
Low-Side Switch On-Resistance
RDSON_N
12
mΩ
SW Leakage Current
0
1
μA
High-Side Switch Current Limit
Sourcing
7.5
8.1
A
Low-Side Switch Current Limit
(6)
Sinking,
PWM
Mode
5
A
Sinking, PFM Mode
0
Oscillator Frequency
0.96
1.2
1.44
MHz
Minimum On Time
τ
ON_MIN
50
ns
Minimum Off Time
τ
OFF_MIN
60
ns
PG UV Threshold Rising
PGTH_Hi
0.9
VFB
PG UV Threshold Falling
PGTH_Lo
0.85
VFB
PG OV Threshold Rising
PGTH_Hi
1.15
VFB
PG OV Threshold Falling
PGTH_Lo
1.1
VFB
PG Delay
PGTD
140
μs
PG Sink Current Capability
Sink 1mA
0.4
V
PG INTERNAL Pull Up Resistor
500
k
Thermal Shutdown Threshold
(6)
150
°C
Thermal Shutdown Hysteresis
(6)
20
°C
MODE Forced PWM Threshold
VIN=3.6V, VEN=2V
1.2
V
MODE PFM Threshold
VIN=3.6V, VEN=2V
0.4
V
Notes:
5) Guaranteed by characterization
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com