Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2145 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2145
Description  5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2145 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2145 Datasheet HTML 1Page - Monolithic Power Systems MP2145 Datasheet HTML 2Page - Monolithic Power Systems MP2145 Datasheet HTML 3Page - Monolithic Power Systems MP2145 Datasheet HTML 4Page - Monolithic Power Systems MP2145 Datasheet HTML 5Page - Monolithic Power Systems MP2145 Datasheet HTML 6Page - Monolithic Power Systems MP2145 Datasheet HTML 7Page - Monolithic Power Systems MP2145 Datasheet HTML 8Page - Monolithic Power Systems MP2145 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2145
5.5V, 6A, 1.2MHz, High-Efficiency, 40
μA I
Q
Constant On-Time
Synchronous, Step-Down Switcher
MP2145 Rev. 1.11
www.MonolithicPower.com
1
12/20/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP2145 is a monolithic, step-down, switch-
mode converter with internal power MOSFETs. It
can achieve up to 6A continuous output current
from a 2.8V-to-5.5V input voltage with excellent
load and line regulation. The output voltage can
be regulated to as low as 0.6V.
Constant-on-time control provides a fast transient
response and eases loop stabilization. Fault
condition
protections
include
cycle-by-cycle
current limiting and thermal shutdown.
The MP2145 is available in a small QFN2×3mm
package and requires only a minimal number of
readily-available, standard, external components.
The MP2145 is ideal for a wide range of
applications, including storage (SSD, HDD), high-
performance DSPs,
FPGAs,
and distributed
power systems.
FEATURES
 Up to 6A Output Current
 Wide 2.8V-to-5.5V Operating Input Range
 20mΩ and 12mΩ Internal Power MOSFETs
 40µA Quiescent Current
 1.2MHz Fixed Switching Frequency
 100% Duty Cycle in Dropout
 1% Feedback Accuracy
 External Mode Control
 External VCON Control
 Adjustable Output from 0.6V
 1.5ms Internal SS Time with Pre-Bias Startup
 Cycle-by-Cycle Over Current Protection
 Short Circuit Protection with Hiccup Mode
 Stable with Low-ESR Output Ceramic
Capacitors
 Thermal Shutdown
 Available in a 2mm×3mm QFN Package
 Output Discharge Function
APPLICATIONS
 Storage (SSD, HDD)
 Portable Instruments
 Battery-Powered Devices
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2145
GND
FB
VIN
C1
22uF
EN
VIN
2.8V to 5.5V
VOUT
1.2V/6A
SW
C2
22uF
R1
200k
R2
200k
PG
EN
PG
L1
0.47uH
OUT
MODE /
VCON
MODE/
VCON
Ramp
C3
22uF
Ramp


Similar Part No. - MP2145

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2145GD MPS-MP2145GD Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
More results

Similar Description - MP2145

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2144 MPS-MP2144 Datasheet
363Kb / 14P
2A, 5.5V, 1.2MHz, 40A IQ, COT Synchronous Step Down Switcher
MP2143 MPS-MP2143 Datasheet
478Kb / 14P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
MP2147 MPS-MP2147 Datasheet
712Kb / 19P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143-AEC1 MPS-MPQ2143-AEC1 Datasheet
802Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step-Down Switcher AEC-Q100 Qualified
MP2316 MPS-MP2316 Datasheet
1Mb / 25P
19V, 3A, 40uA IQ, High-Efficiency Constant On-Time (COT) Step-Down Converter in 2x3mm QFN Package
MP2321 MPS-MP2321 Datasheet
4Mb / 24P
19V, 2A, 40uA IQ, High-Efficiency, Constant-On-Time, Step-Down Converter in a QFN (2mmx3mm) Package
MP9143 MPS-MP9143 Datasheet
483Kb / 15P
3A, 5.5V, 1.2MHz, 40uA IQ, COT Synchronous Step Down Switcher
EV2145-D-00A MPS-EV2145-D-00A Datasheet
552Kb / 8P
5.5V, 6A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
EV2147-D-00A MPS-EV2147-D-00A Datasheet
496Kb / 8P
5.5V, 4A, 1.2MHz, High-Efficiency, 40uA IQ Constant On-Time Synchronous, Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com