Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SIT1602B Datasheet(PDF) 5 Page - SiTime Corp.

Part # SIT1602B
Description  Low Power, Standard Frequency Oscillator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITIME [SiTime Corp.]
Direct Link  https://www.sitime.com
Logo SITIME - SiTime Corp.

SIT1602B Datasheet(HTML) 5 Page - SiTime Corp.

  SIT1602B Datasheet HTML 1Page - SiTime Corp. SIT1602B Datasheet HTML 2Page - SiTime Corp. SIT1602B Datasheet HTML 3Page - SiTime Corp. SIT1602B Datasheet HTML 4Page - SiTime Corp. SIT1602B Datasheet HTML 5Page - SiTime Corp. SIT1602B Datasheet HTML 6Page - SiTime Corp. SIT1602B Datasheet HTML 7Page - SiTime Corp. SIT1602B Datasheet HTML 8Page - SiTime Corp. SIT1602B Datasheet HTML 9Page - SiTime Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SiT1602B Low Power, Standard Frequency Oscillator
Rev 1.04
Page 5 of 17
www.sitime.com
5.2
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
10
20
30
40
50
60
70
80
1.8
2.5
2.8
3.0
3.3
20
15
10
5
0
-5
-10
-15
-20
-40
-20
0
20
40
60
80
DUT1
DUT6
DUT2
DUT7
DUT3
DUT8
DUT4
DUT9
DUT5
DUT10
Performance Plots
[8]
Figure 8. Idd vs Frequency
Figure 9. Frequency vs Temperature
Figure 10. RMS Period Jitter vs Frequency
Figure 11. Duty Cycle vs Frequency
Figure 12. 20%-80% Rise Time vs Temperature
Figure 13. 20%-80% Fall Time vs Temperature
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
10
20
30
40
50
60
70
80
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
55
54
53
52
51
50
49
48
47
46
45
10
20
30
40
50
60
70
80
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
2.5
2.0
1.5
1.0
0.5
0.0
-40
-15
10
35
60
85
1.8 V
2.5 V
2.8 V
3.0 V
3.3 V
2.5
2.0
1.5
1.0
0.5
0.0
-40
-15
10
35
60
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com