Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM30N100LD Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # RM30N100LD
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM30N100LD Datasheet(HTML) 1 Page - Rectron Semiconductor

  RM30N100LD Datasheet HTML 1Page - Rectron Semiconductor RM30N100LD Datasheet HTML 2Page - Rectron Semiconductor RM30N100LD Datasheet HTML 3Page - Rectron Semiconductor RM30N100LD Datasheet HTML 4Page - Rectron Semiconductor RM30N100LD Datasheet HTML 5Page - Rectron Semiconductor RM30N100LD Datasheet HTML 6Page - Rectron Semiconductor RM30N100LD Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
N-Channel Enhancement Mode Power MOSFET
Description
The RM30N100LD uses advanced trench technology and
design to provide excellent RDS(ON) with low gate charge. It
can be used in a wide variety of applications.
General Features
VDS = 100V,ID =30A
RDS(ON) < 31mΩ @ VGS=10V
(Typ:27mΩ)
Special process technology for high ESD capability
High density cell design for ultra low Rdson
Fully characterized avalanche voltage and current
Good stability and uniformity with high EAS
Excellent package for good heat dissipation
Application
Power switching application
Hard switched and high frequency circuits
Uninterruptible power supply
100% UIS TESTED!
100% ∆Vds TESTED!
Schematic diagram
Marking and pin assignment
TO-252 -2Ltop view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
30N100
RM30N100LD
TO-252-2L
-
--
Absolute Maximum Ratings (TC=25
unless otherwise noted)
Symbol
Parameter
Limit
Unit
VDS
Drain-Source Voltage
100
V
VGS
Gate-Source Voltage
±20
V
ID
Drain Current-Continuous
30
A
ID (100
)
Drain Current-Continuous(TC=100
)21
A
IDM
Pulsed Drain Current
70
A
PD
Maximum Power Dissipation
85
W
Derating factor
0.57
W/
EAS
Single pulse avalanche energy
(Note 5)
256
mJ
TJ,TSTG
Operating Junction and Storage Temperature Range
-55 To 175
RM30N100LD
2016-10
REV:O15
G
S
D


Similar Part No. - RM30N100LD

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM30N100HD RECTRON-RM30N100HD Datasheet
362Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2020-07/15 REV:A
RM30N100T2 RECTRON-RM30N100T2 Datasheet
332Kb / 7P
N-Channel Enhancement Mode Power MOSFET
RM30N100T7 RECTRON-RM30N100T7 Datasheet
727Kb / 7P
N-Channel Enhancement Mode Power MOSFET
2020-07/15 REV:A
More results

Similar Description - RM30N100LD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com