Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RM30N100LD Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM30N100LD
Description  N-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM30N100LD Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM30N100LD Datasheet HTML 1Page - Rectron Semiconductor RM30N100LD Datasheet HTML 2Page - Rectron Semiconductor RM30N100LD Datasheet HTML 3Page - Rectron Semiconductor RM30N100LD Datasheet HTML 4Page - Rectron Semiconductor RM30N100LD Datasheet HTML 5Page - Rectron Semiconductor RM30N100LD Datasheet HTML 6Page - Rectron Semiconductor RM30N100LD Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermal Characteristic
R JC
Thermal Resistance, Junction-to-Case
(Note 2)
1.8
/W
Electrical Characteristics (TC=25
unless otherwise noted)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V ID=250A
100
115
-
V
IDSS
Zero Gate Voltage Drain Current
VDS=100V,VGS=0V
-
-
1
A
IGSS
Gate-Body Leakage Current
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
VGS(th)
Gate Threshold Voltage
VDS=VGS,ID=250A
1.3
1.9
2.5
V
RDS(ON)
Drain-Source On-State Resistance
VGS=10V, ID=10A
-
27
31
m
gFS
Forward Transconductance
VDS=5V,ID=10A
-
15
-
S
Dynamic Characteristics
(Note4)
Clss
Input Capacitance
-
2000
-
PF
Coss
Output Capacitance
-
300
-
PF
Crss
Reverse Transfer Capacitance
VDS=25V,VGS=0V,
F=1.0MHz
-
250
-
PF
Switching Characteristics
(Note 4)
td(on)
Turn-on Delay Time
-
7
-
nS
tr
Turn-on Rise Time
-
7
-
nS
td(off)
Turn-Off Delay Time
-
29
-
nS
tf
Turn-Off Fall Time
VDD=50V,RL=5
VGS=10V,RGEN=3
-
7
-
nS
Qg
Total Gate Charge
-
39
-
nC
Qgs
Gate-Source Charge
-
8
-
nC
Qgd
Gate-Drain Charge
VDS=50V,ID=10A,
VGS=10V
-
12
-
nC
Drain-Source Diode Characteristics
VSD
Diode Forward Voltage
(Note 3)
VGS=0V,IS=10A
-
-
1.2
V
IS
Diode Forward Current
(Note 2)
-
-
-
30
A
trr
Reverse Recovery Time
-
32
-
nS
Qrr
Reverse Recovery Charge
TJ = 25°C, IF = 10A
di/dt = 100A/s
(Note3)
-
53
-
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ” 10 sec.
3. Pulse Test: Pulse Width ” 300 s, Duty Cycle ” 2%.
4. Guaranteed by design, not subject to production
5. EAS Condition : Tj=25
,VDD=50V,VG=10V,L=0.5mH,Rg=25 , IAS=32A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com