Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2005 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2005
Description  800mA Low-Current LDO Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EV2005DD-00A – LOW VOLTAGE, 800MA LINEAR REGULATOR EV BOARD
NOTICE:
The information in this document is subject to change without notice. Users should warrant and guarantee that third
party Intellectual Property rights are not infringed upon when integrating MPS products into any application. MPS will not
assume any legal responsibility for any said applications.
EV2005DD-00A Rev. 1.1
www.MonolithicPower.com
4
6/26/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
QUICK START GUIDE
The output voltage of this board is set to 1.8V. The EN pin is connected to BIAS with a jumper for
automatic startup. You can connect EN to GND to disable the MP2005
1. Attach the positive and negative ends of the load to the VOUT and GND pins, respectively.
2. Attach the input voltage (2V ≤ VIN ≤ 5V) and input ground to the VIN and GND pins,
respectively.
3. Attach the BIAS voltage (3.5V ≤ VBIAS ≤ 5.5V) and BIAS ground to the BIAS and GND pins,
respectively.
4. The VIN voltage and BIAS voltage can be set up to same voltage but it has to meet :
VIN=VBIAS>(1.8V + VOUT )and VBIAS>2.7V
5. The default resistor values on the board are R1=26.1kΩ and R2=10kΩ. Changing these resistor
values will change the output voltage. Use the following equation to determine resistor values
for different output voltages:
OUT
R1
V0.5Vx(1
)
R2
=+



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com