Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2005 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2005
Description  800mA Low-Current LDO Linear Regulator EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2005 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2005 Datasheet HTML 1Page - Monolithic Power Systems MP2005 Datasheet HTML 2Page - Monolithic Power Systems MP2005 Datasheet HTML 3Page - Monolithic Power Systems MP2005 Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV2005DD-00A
800mA Low-Current
LDO Linear Regulator EV Board
EV2005DD-00A Rev. 1.1
www.MonolithicPower.com
1
6/26/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
EV2005DD-00A
evaluation
board
demonstrates the performance of MP2005, a
monolithic low-current, low-dropout LDO linear
regulator. It operates from a 2.5V to 5V input
bias voltage and regulates the output voltage
from as low as 0.5V.
The EVB can supply up to 800mA of load
current with a typical dropout voltage of 75mV.
It requires a bias supply (2.5V to 5.5V) separate
from VIN to run the internal reference and LDO
drive circuitry. The output current comes
directly from the input voltage supply for high
efficiency
regulation.
The
0.5V
internal
reference voltage allows the output to be
programmed to a range of 0.5V to 5V.
The EV2005DD-00A provides thermal overload
and current limit protection, stability with ultra
low ESR ceramic capacitors as low as 1uF, and
fast transient response. The MP2005 is
available in a 8-pin QFN (2mm x 3mm) package
and is also available in fixed output voltage
versions.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input Voltage
VIN
1.0 – 5
V
Dropout Voltage
VDROPOUT
75
mV
Output Current
IOUT
0.5
A
FEATURES
• Wide 1.0V to 5V Input Voltage Range
• Stable with Very Small Ceramic Capacitors
• 75mV Dropout at 800mA Output
• 2% Accurate Output Voltage
• Adjustable Output Range from 0.5V to 5V
• Low Noise: 80µVRMS (10Hz to 100KHz)
• High PSRR: 40dB at 1MHz
• Stable With Low-ESR Output Capacitors
• Low 100μA Ground Current
• Internal Thermal Protection
• Current Limit Protection
• Fully Assembled and Tested
APPLICATIONS
• Low Current Regulators
• Low Power Handheld Devices
• Battery Powered Systems
• Cellular Phones
• Portable Electronic Equipment
• Post Regulation for Switching Power
Supplies
• Power Supplies
“MPS” and “The Future of Analog IC Technology”, are Registered Trademarks
of Monolithic Power Systems, Inc.
EV2005DD-00A EVALUATION BOARD
L x W x H) 2.9” x 2.9” x 0.5”
(7.5cm x 7.5cm x 1.2cm)
Board Number
MPS IC Number
EV2005DD-00A
MP2005
120


Similar Part No. - MP2005

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2005 MPS-MP2005 Datasheet
385Kb / 10P
800mA High PSRR, ULDO Linear Regulator
MP2005 MPS-MP2005 Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
MP20051 MPS-MP20051 Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
328Kb / 12P
Low Noise, High PSRR, 1A Linear Regulator
MP20051DN MPS-MP20051DN Datasheet
181Kb / 4P
Low Noise, High PSRR, 1A Linear Regulator EV Board
More results

Similar Description - MP2005

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
800mA LDO REGULATOR????
Rev. 1.10
logo
First Components Intern...
LM1117 FCI-LM1117 Datasheet
1Mb / 14P
800mA Low-dropout Linear Regulator Temperature Range Output Current 800mA
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
800MA LDO REGULATOR
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
Monolithic Power System...
EV2005DD-01B MPS-EV2005DD-01B Datasheet
443Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EV8904DD-00A MPS-EV8904DD-00A Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
EV20045DN-00A MPS-EV20045DN-00A Datasheet
137Kb / 5P
Low Noise, 1A, Linear Regulator EV Board
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
AiT Semiconductor Inc.
A1116 AITSEMI-A1116 Datasheet
291Kb / 9P
BIPOLAR LDO REGULATOR 800mA LINEAR LOW DROPOUT REGULATOR
REV1.1
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com