Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2143HGD Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2143HGD
Description  3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143HGD Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2143HGD Datasheet HTML 1Page - Monolithic Power Systems MP2143HGD Datasheet HTML 2Page - Monolithic Power Systems MP2143HGD Datasheet HTML 3Page - Monolithic Power Systems MP2143HGD Datasheet HTML 4Page - Monolithic Power Systems MP2143HGD Datasheet HTML 5Page - Monolithic Power Systems MP2143HGD Datasheet HTML 6Page - Monolithic Power Systems MP2143HGD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV2143H-D-00A – 3A, 5.5V, 2MHz, SYNC STEP-DOWN SWITCHER
EV2143H-D-00A Rev.1.0
www.MonolithicPower.com
2
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
Tiny Layout
Normal Layout
EV2143H-J-00A BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer Manufacturer P/N
2
C1,C1A
10
F
Ceramic Cap, 10V,X5R
0805
muRata
GRM21BR61A106KE19L
1
C2
22
F
Ceramic Cap, 10V,X5R
0805
muRata
GRM21BR61A226ME51L
2
L1,L1_1
0.47
H Inductor, 6.8A, 14m
4mmx2mm
Wurth
744 373 240 047
2
R1,R2
200k
Film Res.,1%
0402
Any
1
R3
499k
Film Res.,5%
0402
Any
1
R5
100k
Film Res.,5%
0402
Any
0
C2A,C3,
C2A_1,C3_1
NS
0
R4,R4_1
NS
2
U1,U1_1
MP2143H
Synchronous Step-Down
switcher
QFN10
2mmx3mm
MPS
MP2143HGD
2
C1_1,C1A_1
10
F
Ceramic Cap,10V,X7R
1206
muRata
GRM31CR71A106KA01L
1
C2_1
22
F
Ceramic Cap,6.3V,X5R
1206
muRata
GRM31CR60J226KE19
2
R1_1,R2_1
200k
Film Res,1%
0603
Yageo
RC0603JR-07200KL
1
R3_1
499k
Film Res,1%
0603
Yageo
RC0603JR-07499KL
1
R5_1
100k
Film Res,1%
0603
Yageo
RC0603JR-07100KL



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com