Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2143HGD Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2143HGD
Description  3A, 5.5V, 2MHz Synchronous Step-Down Switcher Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2143HGD Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2143HGD Datasheet HTML 1Page - Monolithic Power Systems MP2143HGD Datasheet HTML 2Page - Monolithic Power Systems MP2143HGD Datasheet HTML 3Page - Monolithic Power Systems MP2143HGD Datasheet HTML 4Page - Monolithic Power Systems MP2143HGD Datasheet HTML 5Page - Monolithic Power Systems MP2143HGD Datasheet HTML 6Page - Monolithic Power Systems MP2143HGD Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
EV2143H-D-00A
3A, 5.5V, 2MHz Synchronous
Step-Down Switcher Evaluation Board
EV2143H-D-00A Rev.1.0
www.MonolithicPower.com
1
5/15/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV2143H-D-00A is used for demonstrating
the performance of MPS’s MP2143H, a
monolithic, step-down, switch-mode converter
with internal power MOSFETs. It can achieve
up to 3A continuous output current from a
2.5V–to-5.5V input voltage with excellent load
and line regulation. The output voltage can be
regulated as low as 0.6V.
Constant-on-time control provides fast transient
response and eases loop stabilization. Fault
condition protections include cycle-by-cycle
current limiting and thermal shutdown.
MP2143H is ideal for wide range of applications
including high-performance DSPs, FPGAs,
portable instruments, and automotive power
systems.
MP2143H is available in QFN10 package.
EV2143H-D-00A contains two different layouts,
a tiny one and a normal one. They will work
with different thermal performances.
ELECTRICAL SPECIFICATION
Parameter
Symbol
Value
Units
Input Voltage
(1)
VIN
2.5– 5.5
V
Output Voltage
VOUT
1.2
V
Output Current
IOUT
3
A
FEATURES
 Wide 2.5V-to-5.5V Operating Input Range
 Output Voltage as Low as 0.6V
 100% Duty Cycle in Dropout
 Up to 3A Output Current
 80mΩ and 40mΩ Internal Power MOSFET
Switches
 Default 2.0MHz Switching Frequency
 EN and Power-Good for Power Sequencing
 Cycle-by-Cycle Over-Current Protection
 Auto Discharge at Power Off
 Short-Circuit Protect with Hiccup Mode
 Stable with Low-ESR Output Ceramic
Capacitors
 Available in QFN-10 (2mmx3mm) Package
APPLICATIONS
 Low Voltage I/O System Power
 Handheld/Battery-powered Systems
 Wireless/Networking Cards
All MPS parts are lead-free, halogen free, and adhere to the RoHS
directive. For MPS green status, please visit MPS website under Quality
Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
NOTE 1: More input capacitors may be needed when VIN is lower than 3.5V
EV2143H-D-00A EVALUATION BOARD
Board Number
MPS IC Number
EV2143H-D-00A
MP2143HGD
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5


Similar Part No. - MP2143HGD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2143HGD MPS-MP2143HGD Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
More results

Similar Description - MP2143HGD

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8015D RICHTEK-RT8015D Datasheet
537Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2143H MPS-MP2143H Datasheet
527Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
MP2187 MPS-MP2187 Datasheet
440Kb / 18P
Dual 3A, 5.5V, 1.2MHz, COT Synchronous Step-Down Switcher
MPQ2143H MPS-MPQ2143H Datasheet
897Kb / 15P
3A, 5.5V, 2.0MHz Synchronous Step Down Switcher
EV2131-G-00A MPS-EV2131-G-00A Datasheet
490Kb / 6P
4A, 5.5V, 1.2MHz Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-00A MPS-EVM3805-QB-00A Datasheet
148Kb / 4P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
EVM3805-QB-01A MPS-EVM3805-QB-01A Datasheet
394Kb / 5P
6V, 0.6A Synchronous Step-Down Switcher Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com